Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A64S0616G-70 Datasheet(PDF) 5 Page - AMIC Technology

Part # A64S0616G-70
Description  1M X 16 Bit Low Voltage Super RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A64S0616G-70 Datasheet(HTML) 5 Page - AMIC Technology

  A64S0616G-70 Datasheet HTML 1Page - AMIC Technology A64S0616G-70 Datasheet HTML 2Page - AMIC Technology A64S0616G-70 Datasheet HTML 3Page - AMIC Technology A64S0616G-70 Datasheet HTML 4Page - AMIC Technology A64S0616G-70 Datasheet HTML 5Page - AMIC Technology A64S0616G-70 Datasheet HTML 6Page - AMIC Technology A64S0616G-70 Datasheet HTML 7Page - AMIC Technology A64S0616G-70 Datasheet HTML 8Page - AMIC Technology A64S0616G-70 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
A64S0616
PRELIMINARY
(July, 2002, Version 0.1)
4
AMIC Technology, Inc.
DC Electrical Characteristics (continued)
Symbol
Parameter
-70
-85
Unit
Conditions
Min.
Max.
Min.
Max.
ISB1
Standby Power
Supply Current
-
100
-
100
µA
CE1
≥ VCC - 0.2V
CE2
≥ VCC - 0.2V
VIN
≥ 0V
ISB2
Power Down Mode
Standby Current
-
10
-
10
µA
CE2
≤ 0.2V
VOL
Output Low Voltage
-
0.4
-
0.4
V
IOL = 2.1mA
VOH
Output High Voltage
2.4
-
2.4
-
V
IOH = -1.0mA
Truth Table
CE1
CE2
OE
WE
LB
HB
I/O0 to I/O7 Mode
I/O8 to I/O15 Mode
VCC Current
H
H
X
X
X
X
Not selected
Not selected
ISB1, ISB
X
H
X
X
H
H
Not selected
Not selected
ISB1, ISB
X
L
X
X
X
X
Not selected
Not selected
ISB2
L
L
Read
Read
ICC1, ICC2
L
H
L
H
L
H
Read
High - Z
ICC1, ICC2
H
L
High - Z
Read
ICC1, ICC2
L
L
Write
Write
ICC1, ICC2
L
H
X
L
L
H
Write
Not Write/Hi - Z
ICC1, ICC2
H
L
Not Write/Hi - Z
Write
ICC1, ICC2
High - Z
High - Z
ICC1, ICC2
L
H
H
H
X
X
High - Z
High - Z
ICC1, ICC2
Note: X = H or L
Capacitance (TA = 25
°C, f = 1.0MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN*
Input Capacitance
-
10
pF
VIN = 0V
CI/O*
Input/Output Capacitance
-
10
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.


Similar Part No. - A64S0616G-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616G-70I AMICC-A64S0616G-70I Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
More results

Similar Description - A64S0616G-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CAX FIDELIX-FMP1617CAX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DCX FIDELIX-FMP1617DCX Datasheet
160Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
AMIC Technology
A64S16161 AMICC-A64S16161 Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com