Electronic Components Datasheet Search |
|
LF3311 Datasheet(PDF) 16 Page - LOGIC Devices Incorporated |
|
LF3311 Datasheet(HTML) 16 Page - LOGIC Devices Incorporated |
16 / 24 page DEVICES INCORPORATED LF3311 Horizontal / Vertical Digital Image Filter Improved Performance LOGIC Devices Incorporated 16 9/19/05 LDS.3311-C Video Imaging Products In Orthogonal Mode, the horizontal and vertical filters are used concurrently to implement an orthogonal kernel on the input data (see Figure 16). The HV Filter can handle kernel sizes of 3-3, 5-5, and 7-7 (see Figure 17). Data delay elements at the input of the horizontal filter and the output of the vertical filter are used to properly align data so that the orthogonal kernel is implemented correctly. The data delays are automatically set to the correct lengths based on the programmed length of the line buffers and the kernel size. Kernel sizes of 3-3, 5-5, and 7-7 require that the horizontal filter’s output be delayed by LB – 2, 2(LB) – 3, and 3(LB) – 4 clock cycles respectively before being added to the vertical filter’s output (LB is the programmed line buffer length). The data delay at the input of the horizontal filter handles the LB, 2(LB), and 3(LB) delays. The data delay at the output of the vertical filter handles the – 2, – 3, and – 4 delays. For example, if the line buffers are programmed for a length of 720 and a 5–5 kernel is selected, the horizontal filter input data delay will be 1440 clock cycles and the vertical filter output data delay will be 3 clock cycles. It is important to note that the first 3, 5, or 7 multipliers of the horizontal and vertical filters must be used in Orthogonal Mode. If other multipliers are used, data from the horizontal and vertical filters will not line up correctly because the data delays are calculated assuming that the first 3, 5, or 7 multipliers are used. Also, the ALUs in the horizontal filter should be configured to accept data from the forward I/D Register path into ALU Input A and force ALU Input B to 0. Operating Modes Figure 15. 3-3, 5-5, and 7-7 Orthagonal Kernels V2 V3 HV4 H3 H5 V5 V6 H2 H6 H1 H7 V1 V7 V1 V2 HV3 H2 H4 V4 V5 H1 H5 V1 HV2 H1 H3 V3 Figure 14. Orthogonal Mode DIN11-0 HORIZONTAL FILTER LINE BUFFER 12 LINE BUFFER LINE BUFFER LINE BUFFER LINE BUFFER LINE BUFFER LINE BUFFER DOUT11-0 12 DATA DELAY DATA DELAY Orthogonal Mode |
Similar Part No. - LF3311 |
|
Similar Description - LF3311 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |