Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2340G Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # L2340G
Description  Digital Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2340G Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  L2340G Datasheet HTML 1Page - LOGIC Devices Incorporated L2340G Datasheet HTML 2Page - LOGIC Devices Incorporated L2340G Datasheet HTML 3Page - LOGIC Devices Incorporated L2340G Datasheet HTML 4Page - LOGIC Devices Incorporated L2340G Datasheet HTML 5Page - LOGIC Devices Incorporated L2340G Datasheet HTML 6Page - LOGIC Devices Incorporated L2340G Datasheet HTML 7Page - LOGIC Devices Incorporated L2340G Datasheet HTML 8Page - LOGIC Devices Incorporated L2340G Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
1
L2340
Digital Synthesizer
08/16/2000–LDS.2340-E
u
u
u
u
u Digital Waveform Synthesis at
50 MHz
u
u
u
u
u 24-Bit Polar Phase Angle Accuracy
u
u
u
u
u User-selectableWaveformSynthesis,
Frequency Modulation, or Phase
Modulation.
u
u
u
u
u Amplitude Input for Amplitude
Modulation and Gain Adjustment.
u
u
u
u
u Replaces TRW/Raytheon/Fairchild
TMC2340A
u
u
u
u
u 120-pin PQFP
(RoHS compliant)
FEATURES
DESCRIPTION
L2340
Digital Synthesizer
DEVICES INCORPORATED
L2340 BLOCK DIAGRAM
The L2340 is a digital synthesizer that
performs waveform synthesis, modu-
lation, and demodulation.
The L2340 automatically generates
quadrature matched pairs of 16-bit
sine and cosine waves in DAC-
compatible 16-bit offset binary format
with15-bit amplitude and 32-bit phase
inputs.
Output waveforms can be phase or
frequency modulated. Digital output
frequencies are restricted to the
Nyquist limit.
Functional Description
The L2340 converts Polar (Phase and
Magnitude) data into Rectangular
(Cartesian) coordinates. The user
selects the numeric format. A valid
transformed result is seen at the
output after 22 clock cycles and will
continue upon every clock cycle
thereafter.
15-bit amplitude and 32-bit phase data
are input into the L2340 to produce an
output of 16-bit rectangular data. The
user may select the data format to
either 16-bit offset binary or 15-bit
unsigned magnitude format. High
accuracy phase increment values with
minimal accumulation error is accom-
plished by use of a 32-bit phase
accumulator.
The phase accumulator structure
supports frequency or phase modula-
tion and is selected by ENP1-0 and
accumulator controls FM and PM.
CLK
16
OEI
Q15-0
15
2
32
ENA
AM14-0
ENP1-0
PH31-0
FM
PM
OBIQ
I15-0
OEQ
16
Digital
Synthesizer


Similar Part No. - L2340G

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L2340 LODEV-L2340 Datasheet
268Kb / 11P
   Digital Synthesizer
L2340QC20 LODEV-L2340QC20 Datasheet
268Kb / 11P
   Digital Synthesizer
More results

Similar Description - L2340G

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L2340 LODEV-L2340 Datasheet
268Kb / 11P
   Digital Synthesizer
logo
Analog Devices
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
   CommLinkTM Direct Digital Synthesizer
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
   CommLinkTM Direct Digital Synthesizer
logo
Zoran Corporation
PM-1100 ZORAN-PM-1100 Datasheet
65Kb / 2P
   Precision Digital Modulator/Synthesizer
logo
Analog Devices
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com