Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D3256M32SBG1 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # L9D3256M32SBG1
Description  8-16 Gb, DDR3, 256-512M x 32 Single Channel Memory Module
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D3256M32SBG1 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  L9D3256M32SBG1 Datasheet HTML 1Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 2Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 3Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 4Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 5Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 6Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 7Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 8Page - LOGIC Devices Incorporated L9D3256M32SBG1 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
Bank
Active
Reading
Writing
Activating
Refreshing
Self
refresh
Idle
Active
Power-
Down
ZQ
Calibration
From any
state
Power
applied
Reset
Procedure
Power
on
Initialization
MRS, MPR,
write
leveling
Preharge
Power-
Down
Writing
Automatic
Sequence
Command
Sequence
Preharging
READ
READ
READ
READ AP
READ AP
READ AP
PRE, PREA
PRE, PREA
PRE, PREA
WRITE
WRITE
CKE L
CKE L
CKE L
WRITE
WRITE AP
WRITE AP
WRITE AP
PDE
PDE
PDX
PDX
SRX
SRE
REF
MRS
ACT
RESET
ZQCL
ZQCL/ZQCS
Reading
ACT = ACTIVATE
PREA=PRECHARGE ALL
SRX = Self refresh exit
MPR = Multipurpose register
READ = RD, RDS4, RDS8
WRITE = WR, WRS4, WRS8
MRS = Mode register set
READ AP = RDAP, RDAPS4, RDAPS8
WRITE AP = WRAP, WRAPS4, WRAPS8
PDE = Power-down entry
REF = REFRESH
ZQCL = ZQ LONG CALIBRATION
PDX = Power-down exit
RESET = START RESET PROCEDURE
ZQCS = ZQ SHORT CALIBRATION
PRE = PRECHARGE
SRE = Self refresh entry
LOGIC Devices Incorporated
www.logicdevices.com
3
8-16 Gb, DDR3, 256-512M x 32 Single Channel Memory Module
L9D3256M32SBG1
PRELIMINARY INFORMATION
L9D3512M32SBG1
Feb 11, 2013 LDS-L9D3xxxM32SBG1
High Performance, Integrated Memory Module Product
STATE DIAGRAM
FIGURE 2 - SIMPLIFIED STATE DIAGRAM


Similar Part No. - L9D3256M32SBG1

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D3256M32DBG2 LODEV-L9D3256M32DBG2 Datasheet
3Mb / 162P
   16-32 Gb, DDR3, 256-512M x 32 Dual Channel Memory Module
More results

Similar Description - L9D3256M32SBG1

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D3256M32DBG2 LODEV-L9D3256M32DBG2 Datasheet
3Mb / 162P
   16-32 Gb, DDR3, 256-512M x 32 Dual Channel Memory Module
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
L9D320G32BG6 LODEV-L9D320G32BG6 Datasheet
3Mb / 154P
   2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
logo
Samsung semiconductor
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
logo
Axiomtek Co., Ltd.
NA570 AXIOMTEK-NA570 Datasheet
226Kb / 1P
   Supports 32 GB DDR3-1600 non-ECC/ECC memory
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Samsung semiconductor
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
logo
Fujitsu Component Limit...
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
   Memory FRAM 256 K (32 K x 8) Bit SPI
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120_16 Datasheet
193Kb / 1P
   2 DDR3 DIMM support up to 16 GB memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com