Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D264M80SBG5 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # L9D264M80SBG5
Description  2 - 5.0 Gb, DDR2, 32 M [64 M] x 64/72/80 Integrated Memory Module
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D264M80SBG5 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

Back Button L9D264M80SBG5 Datasheet HTML 2Page - LOGIC Devices Incorporated L9D264M80SBG5 Datasheet HTML 3Page - LOGIC Devices Incorporated L9D264M80SBG5 Datasheet HTML 4Page - LOGIC Devices Incorporated L9D264M80SBG5 Datasheet HTML 5Page - LOGIC Devices Incorporated L9D264M80SBG5 Datasheet HTML 6Page - LOGIC Devices Incorporated L9D264M80SBG5 Datasheet HTML 7Page - LOGIC Devices Incorporated L9D264M80SBG5 Datasheet HTML 8Page - LOGIC Devices Incorporated L9D264M80SBG5 Datasheet HTML 9Page - LOGIC Devices Incorporated L9D264M80SBG5 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
GND (Core)
GND (I/O)
DATA (I/O)
V+ (Core Power)
V+ (I/O Power)
UNPOPULATED
NC
CNTRL
REF Level
Address
DNU
VSSDL
VDDL
RFU
DQ0
DQ14
DQ15
VSS
VSS
A9
A10
A11
A8
VDDQ
VDDQ
DQ16
DQ17
DQ31
VSS
A
DQ1
DQ2
DQ12
DQ13
VSS
VSS
A0
A7
A6
A1
VDD
VDD
DQ18
DQ19
DQ29
DQ30
B
DQ3
DQ4
DQ10
DQ11
VDD
VDD
A2
A5
A4
A3
VSS
VSS
DQ20
DQ21
DQ27
DQ28
C
DQ6
DQ5
DQ8
DQ9
VDDQ
VDDQ
A12
NC
BA2
NC
VSS
VSS
DQ22
DQ23
DQ26
DQ25
D
DQ7
LDM0
VDD
UDM0
UDQS3
LDQS0
UDQS0
BA0
BA1
LDQS1
UDQS1
Vref
LDM1
VSS
NC
DQ24
E
CAS0\
WE0\
VDD
\
1
E
W
\
1
S
A
R
3
S
Q
D
L
0
K
L
C
VSS
UDM1
CLK1
F
G
1
E
K
C
\
1
K
L
C
S
S
V
\
1
S
C
\
1
S
A
C
\
0
K
L
C
0
E
K
C
D
D
V
\
0
S
A
R
\
0
S
C
H
D
D
V
Q
D
D
V
S
S
V
S
S
V
DL
D
V
SDL
S
V
Q
D
D
V
D
D
V
S
S
V
S
S
V
J
D
D
V
Q
D
D
V
S
S
V
S
S
V
D
D
V
S
S
V
Q
D
D
V
D
D
V
S
S
V
S
S
V
CLK3\
CKE3
VDD
CS3\
LDQS4
CLK2\
CKE2
VSS
RAS2\
CS2\
K
NC
CLK3
VDD
CAS3\
RAS3\
LDQS2
CLK2
VSS
WE2\
CAS2\
L
DQ56
UDM3
VDD
WE3\
LDM3
CKE4
CLK4
CAS4\
WE4\
RAS4\
CS4\
UDM2
VSS
LDM2
DQ39
M
DQ57
DQ58
DQ55
DQ54
UDQS4
CLK4\
DQ71
DQ70
LDM4
UDQS2
DQ41
DQ40
DQ37
DQ38
N
DQ60
DQ59
DQ53
DQ52
VSS
VSS
DQ69
DQ68
VDD
VDD
DQ43
DQ42
DQ36
DQ35
P
DQ62
DQ61
DQ51
DQ50
VDD
VDD
DQ67
DQ66
VSS
VSS
DQ45
DQ44
DQ34
DQ33
R
VSS
DQ63
DQ49
DQ48
VDDQ
VDDQ
DQ65
DQ64
VSS
VSS
DQ47
DQ46
DQ32
VDD
T
1
2
3
4
5
6
7
8
9
101112
131415
16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
LDQS4\
NC
NC
LDQS2\
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
ODT
UDQS4\
NC
NC
LDQS3\
UDQS3\
LDQS0\
UDQS0\
DNU
UDQS1\
LDQS1\
NC
NC
NC
DNU
UDQS2\
VDD
FIGURE 1E- SDRAM : DDR2 PINOUT TOP VIEW
BALL /SIGNAL LOCATION DIAGRAM:
LOGIC Devices Incorporated
www.logicdevices.com
6
September 16, 2013 LDS-L9D2xxMxxSBG5 Rev E
4.5 Gb, DDR2, 64 M x 72 Integrated Memory Module (IMOD)
L9D264M72SBG5
High Performance, Integrated Memory Module Product


Similar Part No. - L9D264M80SBG5

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D112G80BG4 LODEV-L9D112G80BG4 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E10 LODEV-L9D112G80BG4E10 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E6 LODEV-L9D112G80BG4E6 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E75 LODEV-L9D112G80BG4E75 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E8 LODEV-L9D112G80BG4E8 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
More results

Similar Description - L9D264M80SBG5

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D364M64SBG2 LODEV-L9D364M64SBG2 Datasheet
3Mb / 159P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module
L9D320G32BG6 LODEV-L9D320G32BG6 Datasheet
3Mb / 154P
   2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
L9D340G64BG2 LODEV-L9D340G64BG2 Datasheet
3Mb / 155P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
logo
SPANSION
MB84VD23581FJ-70 SPANSION-MB84VD23581FJ-70 Datasheet
849Kb / 56P
   64 M ( x 16) FLASH MEMORY & 64 M ( x 16) Mobile FCRAM
MB84VD23481FJ-70 SPANSION-MB84VD23481FJ-70 Datasheet
802Kb / 55P
   64 M (횞16) FLASH MEMORY & 32 M (횞16) Mobile FCRAM
logo
Schneider Electric
HMIYM2064M1 SCHNEIDER-HMIYM2064M1 Datasheet
120Kb / 1P
   SSD disk, Harmony iPC, M.2 storage 64 GB
May 6, 2022
logo
Fujitsu Component Limit...
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com