Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CI100505-8N2J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CI100505-8N2J
Description  Multi-Layer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CI100505-8N2J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CI100505-8N2J Datasheet HTML 1Page - Bourns Electronic Solutions CI100505-8N2J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CI100505 Series - Multi-Layer Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns Part No.
Inductance @100 MHz
Q Typ.
SRF MHz
DCR
I rms
nH
Tol. %
@100 MHz @500 MHz @1000 MHz
min.
typ.
ohm max.
mA max.
CI100505-1N0D
1.0
±0.3 nH
8
34
52
6000 13000
0.08
300
CI100505-1N2D
1.2
±0.3 nH
8
35
52
6000 10000
0.09
300
CI100505-1N5D
1.5
±0.3 nH
8
33
48
6000 10000
0.10
300
CI100505-1N8D
1.8
±0.3 nH
8
30
42
6000
9500
0.12
300
CI100505-2N2D
2.2
±0.3 nH
8
25
36
6000
9000
0.13
300
CI100505-2N7D
2.7
±0.3 nH
8
24
34
6000
9000
0.13
300
CI100505-3N3D
3.3
±0.3 nH
8
24
35
6000
8000
0.16
300
CI100505-3N9D
3.9
±0.3 nH
8
24
35
4000
6500
0.21
300
CI100505-4N7D
4.7
±0.3 nH
8
23
34
4000
5000
0.21
300
CI100505-5N6D
5.6
±0.3 nH
8
24
35
4000
5000
0.23
300
CI100505-6N8J
6.8
±5
8
23
32
3900
4400
0.25
300
CI100505-8N2J
8.2
±5
8
23
31
3600
4000
0.28
250
CI100505-10NJ
10
±5
8
23
31
3200
3500
0.31
250
CI100505-12NJ
12
±5
8
23
31
2700
3500
0.40
200
CI100505-15NJ
15
±5
8
23
30
2300
3000
0.46
200
CI100505-18NJ
18
±5
8
23
30
2100
2600
0.55
200
CI100505-22NJ
22
±5
8
22
27
1900
2200
0.60
200
CI100505-27NJ
27
±5
8
21
26
1600
1900
0.70
200
CI100505-33NJ
33
±5
8
20
22
1300
1700
0.80
200
CI100505-39NJ
39
±5
8
20
21
1200
1600
0.90
100
CI100505-47NJ
47
±5
8
19
18
1000
1300
1.00
100
CI100505-56NJ
56
±5
8
18
16
750
900
1.00
100
CI100505-68NJ
68
±5
8
17
11
700
800
1.20
100
CI100505-82NJ
82
±5
8
16
6
600
700
1.30
100
CI100505-R10J
100
±5
8
14
550
650
1.50
100
9.0
(.354)
12.0
(.472)
2.0 ± 0.8
(.079 ± .031)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
Packaging Specifications
Features
0402 size
Available in E12 Series
High frequency
Nickel barrier
RoHS compliant*
Applications
Mobile phones
Cellular phones
CTV, VCR, HIC, FDD
Automotive electronics
Electrical Specifications
Product Dimensions
Recommended Layout
1.0 ± 0.05
(.039 ± .002)
0.4
(.016)
MAX.
0.5 ± 0.05
(.020 ± .002)
0.5 ± 0.05
(.020 ± .002)
General Specifications
Temperature Rise
...................20 ˚C max. at rated current
Operating Temperature .-55 °C to +125 °C
Storage Temperature..-55 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
...............................260 ˚C, 10 seconds
Materials
Base Material .............................Ceramic
Terminal.....................................Ag/Ni/Sn
Packaging................10,000 pcs. per reel
1.0
(.040)
REF.
REF.
0.4
(.016)
REF.
0.5
(.020)
REF.
0.5
(.020)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CI100505-8N2J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505-8N2J BOURNS-CI100505-8N2J Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
CI100505-8N2J FENGJUI-CI100505-8N2J Datasheet
227Kb / 7P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CI100505-8N2J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
   Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
   Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
   Multi-Layer Chip Inductors
CI201210 BOURNS-CI201210 Datasheet
751Kb / 2P
   Multi-Layer Chip Inductors
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
   Multi-layer Chip Inductors
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
   Multi-Layer Chip Inductors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com