Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D232M64SBG5 Datasheet(PDF) 93 Page - LOGIC Devices Incorporated

Part # L9D232M64SBG5
Description  2 - 5.0 Gb, DDR2, 32 M [64 M] x 64/72/80 Integrated Memory Module
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D232M64SBG5 Datasheet(HTML) 93 Page - LOGIC Devices Incorporated

Back Button L9D232M64SBG5 Datasheet HTML 89Page - LOGIC Devices Incorporated L9D232M64SBG5 Datasheet HTML 90Page - LOGIC Devices Incorporated L9D232M64SBG5 Datasheet HTML 91Page - LOGIC Devices Incorporated L9D232M64SBG5 Datasheet HTML 92Page - LOGIC Devices Incorporated L9D232M64SBG5 Datasheet HTML 93Page - LOGIC Devices Incorporated L9D232M64SBG5 Datasheet HTML 94Page - LOGIC Devices Incorporated L9D232M64SBG5 Datasheet HTML 95Page - LOGIC Devices Incorporated L9D232M64SBG5 Datasheet HTML 96Page - LOGIC Devices Incorporated L9D232M64SBG5 Datasheet HTML 97Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 115 page
background image
CK1
CK#
Command
NOP
REF
Address
CKE1
Valid
DQ
DM
DQS#, DQS
NOP 4
t RP8
t CH
t CL
t CK1
t CK1
t XSNR2, 5, 10
t ISXR2
Enter self refresh
mode (synchronous)
Exit self refresh
mode (asynchronous)
T0
T1
Ta2
Ta1
Don’t Care
Ta0
Tc0
Tb0
t XSRD2, 7
Valid 5
NOP 4
t CKE (MIN) 9
T2
ODT 6
t AOFD/ tAOFPD 6
Td0
Valid 7
Valid 5
Indicates a break in
time scale
tIH
tIH
t CKE3
Notes:
1. Clock must be stable and meeting tCK specifications at least 1 × tCK after entering self
refresh mode and at least 1 × tCK prior to exiting self refresh mode.
2. Self refresh exit is asynchronous; however,
t XSNR and tXSRD timing starts at the first ris-
ing clock edge where CKE HIGH satisfies tISXR.
3. CKE must stay HIGH until tXSRD is met; however, if self refresh is being re-entered, CKE
may go back LOW after tXSNR is satisfied.
4. NOP or DESELECT commands are required prior to exiting self refresh until state Tc0,
which allows any nonREAD command.
5. tXSNR is required before any nonREAD command can be applied.
6. ODT must be disabled and R TT off ( tAOFD and tAOFPD have been satisfied) prior to enter-
ing self refresh at state T1.
7. tXSRD (200 cycles of CK) is required before a READ command can be applied at state Td0.
8. Device must be in the all banks idle state prior to entering self refresh mode.
9. After self refresh has been entered, tCKE (MIN) must be satisfied prior to exiting self
refresh.
10. Upon exiting SELF REFRESH, ODT must remain LOW until tXSRD is satisfied.
LOGIC Devices Incorporated
www.logicdevices.com
September 16, 2013 LDS-L9D2xxMxxSBG5 Rev E
93
2 - 5.0 Gb, DDR2, 32 M [64 M] x 64/72/80 Integrated Memory Module (IMOD)
L9D232M64SBG5
L9D232M72SBG5
L9D232M80SBG5
L9D264M64SBG5
L9D264M72SBG5
L9D264M80SBG5
High Performance, Integrated Memory Module Product
t
t
meet t
t
t
t
SELF REFRESH
FIGURE 61 - SELF REFRESH


Similar Part No. - L9D232M64SBG5

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D112G80BG4 LODEV-L9D112G80BG4 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E10 LODEV-L9D112G80BG4E10 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E6 LODEV-L9D112G80BG4E6 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E75 LODEV-L9D112G80BG4E75 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E8 LODEV-L9D112G80BG4E8 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
More results

Similar Description - L9D232M64SBG5

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D345G72BG5 LODEV-L9D345G72BG5 Datasheet
3Mb / 155P
   4.5 Gb, DDR3, 64 M x 72 Integrated Module (IMOD)
L9D364M64SBG2 LODEV-L9D364M64SBG2 Datasheet
3Mb / 159P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module
L9D320G32BG6 LODEV-L9D320G32BG6 Datasheet
3Mb / 154P
   2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)
L9D340G64BG2 LODEV-L9D340G64BG2 Datasheet
3Mb / 155P
   4.0 Gb, DDR3, 64 M x 64 Integrated Module (IMOD)
L9D3256M72SBG2 LODEV-L9D3256M72SBG2 Datasheet
3Mb / 160P
   18-20 Gb, DDR3, 256 M x 72/80 Integrated Module
logo
SPANSION
MB84VD23581FJ-70 SPANSION-MB84VD23581FJ-70 Datasheet
849Kb / 56P
   64 M ( x 16) FLASH MEMORY & 64 M ( x 16) Mobile FCRAM
MB84VD23481FJ-70 SPANSION-MB84VD23481FJ-70 Datasheet
802Kb / 55P
   64 M (횞16) FLASH MEMORY & 32 M (횞16) Mobile FCRAM
logo
Schneider Electric
HMIYM2064M1 SCHNEIDER-HMIYM2064M1 Datasheet
120Kb / 1P
   SSD disk, Harmony iPC, M.2 storage 64 GB
May 6, 2022
logo
Fujitsu Component Limit...
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
logo
Siemens Semiconductor G...
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com