Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63L73321 Datasheet(PDF) 6 Page - AMIC Technology

Part # A63L73321
Description  128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L73321 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A63L73321 Datasheet HTML 2Page - AMIC Technology A63L73321 Datasheet HTML 3Page - AMIC Technology A63L73321 Datasheet HTML 4Page - AMIC Technology A63L73321 Datasheet HTML 5Page - AMIC Technology A63L73321 Datasheet HTML 6Page - AMIC Technology A63L73321 Datasheet HTML 7Page - AMIC Technology A63L73321 Datasheet HTML 8Page - AMIC Technology A63L73321 Datasheet HTML 9Page - AMIC Technology A63L73321 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
A63L73321
PRELIMINARY
(August, 2000, Version 0.4)
5
AMIC Technology, Inc.
Synchronous Truth Table (See Notes 1 Through 5)
Operation
Address
Used
CE
CE2
CE2
ADSP
ADSC
ADV
WRITE
OE
CLK
I/O
Operation
Deselected Cycle,
Power-down
NONE
H
X
X
X
L
X
X
X
L-H
High-Z
Deselected Cycle,
Power-down
NONE
L
X
L
L
X
X
X
X
L-H
High-Z
Deselected Cycle,
Power-down
NONE
L
H
X
L
X
X
X
X
L-H
High-Z
Deselected Cycle,
Power-down
NONE
L
X
L
H
L
X
X
X
L-H
High-Z
Deselected Cycle,
Power-down
NONE
L
H
X
H
L
X
X
X
L-H
High-Z
READ Cycle,
Begin Burst
External
L
L
H
L
X
X
X
L
L-H
Dout
READ Cycle,
Begin Burst
External
L
L
H
L
X
X
X
H
L-H
High-Z
WRITE Cycle,
Begin Burst
External
L
L
H
H
L
X
L
X
L-H
Din
READ Cycle,
Begin Burst
External
L
L
H
H
L
X
H
L
L-H
Dout
READ Cycle,
Begin Burst
External
L
L
H
H
L
X
H
H
L-H
High-Z
READ Cycle,
Continue Burst
Next
X
X
X
H
H
L
H
L
L-H
Dout
READ Cycle,
Continue Burst
Next
X
X
X
H
H
L
H
H
L-H
High-Z
READ Cycle,
Continue Burst
Next
H
X
X
X
H
L
H
L
L-H
Dout
READ Cycle,
Continue Burst
Next
H
X
X
X
H
L
H
H
L-H
High-Z
WRITE Cycle,
Continue Burst
Next
X
X
X
H
H
L
L
X
L-H
Din
WRITE Cycle,
Continue Burst
Next
H
X
X
X
H
L
L
X
L-H
Din
READ Cycle,
Suspend Burst
Current
X
X
X
H
H
H
H
L
L-H
Dout
READ Cycle,
Suspend Burst
Current
X
X
X
H
H
H
H
H
L-H
High-Z
READ Cycle,
Suspend Burst
Current
H
X
X
X
H
H
H
L
L-H
Dout
READ Cycle,
Suspend Burst
Current
H
X
X
X
H
H
H
H
L-H
High-Z
WRITE Cycle,
Suspend Burst
Current
X
X
X
H
H
H
L
X
L-H
Din
WRITE Cycle,
Suspend Burst
Current
H
X
X
X
H
H
L
X
L-H
Din


Similar Part No. - A63L73321

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7332E-42 AMICC-A63L7332E-42 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7332E-45 AMICC-A63L7332E-45 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7332E-5 AMICC-A63L7332E-5 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
More results

Similar Description - A63L73321

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L73361 AMICC-A63L73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P73361 AMICC-A63P73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361 AMICC-A63L06361 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com