Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A62S6316G-70SI Datasheet(PDF) 11 Page - AMIC Technology

Part # A62S6316G-70SI
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S6316G-70SI Datasheet(HTML) 11 Page - AMIC Technology

Back Button A62S6316G-70SI Datasheet HTML 7Page - AMIC Technology A62S6316G-70SI Datasheet HTML 8Page - AMIC Technology A62S6316G-70SI Datasheet HTML 9Page - AMIC Technology A62S6316G-70SI Datasheet HTML 10Page - AMIC Technology A62S6316G-70SI Datasheet HTML 11Page - AMIC Technology A62S6316G-70SI Datasheet HTML 12Page - AMIC Technology A62S6316G-70SI Datasheet HTML 13Page - AMIC Technology A62S6316G-70SI Datasheet HTML 14Page - AMIC Technology A62S6316G-70SI Datasheet HTML 15Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
A62S6316 Series
PRELIMINARY
(August, 2002, Version 0.5)
10
AMIC Technology, Inc.
Timing Waveforms (continued)
Write Cycle 3
(Byte Enable Controlled)
tWC
tAW
Address
DATA IN
DATA OUT
WE
HB, LB
CE
tWR3
tCW
tBW2
tAS1
tWP
tDW
tDH
tOW
tWHZ4
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP, tBW) of a low CE , WE and ( HB and, or LB ).
3. tWR is measured from the earliest of CE or WE or ( HB and, or LB ) going high to the end of the Write cycle.
4. OE level is high or low.
5. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.


Similar Part No. - A62S6316G-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10S AMICC-A62S6308G-10S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10SI AMICC-A62S6308G-10SI Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-70S AMICC-A62S6308G-70S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S6316G-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416_16 Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com