Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC153DT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC153DT
Description  SUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIP LEXERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC153DT Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC153DT Datasheet HTML 1Page - Texas Instruments SN74HC153DT Datasheet HTML 2Page - Texas Instruments SN74HC153DT Datasheet HTML 3Page - Texas Instruments SN74HC153DT Datasheet HTML 4Page - Texas Instruments SN74HC153DT Datasheet HTML 5Page - Texas Instruments SN74HC153DT Datasheet HTML 6Page - Texas Instruments SN74HC153DT Datasheet HTML 7Page - Texas Instruments SN74HC153DT Datasheet HTML 8Page - Texas Instruments SN74HC153DT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54HC153, SN74HC153
DUAL 4LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCLS112D − DECEMBER 1982 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 9 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Permit Multiplexing from n Lines to One
Line
D Perform Parallel-to-Serial Conversion
D Strobe (Enable) Line Provided for
Cascading (N Lines to n Lines)
SN54HC153 ...J OR W PACKAGE
SN74HC153 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54HC153 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
B
1C3
1C2
1C1
1C0
1Y
GND
VCC
2G
A
2C3
2C2
2C1
2C0
2Y
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
A
2C3
NC
2C2
2C1
1C3
1C2
NC
1C1
1C0
description/ordering information
Each of these data selectors/multiplexers contains inverters and drivers to supply full binary decoding data
selection to the AND-OR gates. Separate strobe (G) inputs are provided for each of the two 4-line sections.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC153N
SN74HC153N
Tube of 40
SN74HC153D
SOIC − D
Reel of 2500
SN74HC153DR
HC153
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC153DT
HC153
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC153NSR
HC153
Tube of 90
SN74HC153PW
TSSOP − PW
Reel of 2000
SN74HC153PWR
HC153
TSSOP − PW
Reel of 250
SN74HC153PWT
HC153
CDIP − J
Tube of 25
SNJ54HC153J
SNJ54HC153J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC153W
SNJ54HC153W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC153FK
SNJ54HC153FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC153DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC153DT TI-SN74HC153DT Datasheet
520Kb / 16P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC153DT TI1-SN74HC153DT Datasheet
1Mb / 21P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC153DTE4 TI-SN74HC153DTE4 Datasheet
520Kb / 16P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74HC153DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S153J TI-SN74S153J Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS MULTIP LEXERS
SN74HC157PWRG4 TI-SN74HC157PWRG4 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIP LEXERS
SN74F153DR TI-SN74F153DR Datasheet
1,022Kb / 18P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS MULTIP LEXERS
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54153 NSC-54153 Datasheet
120Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
54LS352 NSC-54LS352 Datasheet
128Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI1-SN54ALS352_11 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54LS153 NSC-54LS153 Datasheet
142Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com