Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT1G384DCKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT1G384DCKT
Description  SINGLE FET BUS SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT1G384DCKT Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBT1G384DCKT Datasheet HTML 1Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 2Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 3Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 4Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 5Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 6Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 7Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 8Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74CBT1G384
SINGLE FET BUS SWITCH
SCDS065G – JULY 1998 – REVISED JUNE 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
Continuous channel current
128
mA
IIK
Input clamp current
VI/O < 0
–50
mA
DBV package
206
θ
JA
Package thermal impedance(3)
°C/W
DCK package
252
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
II
VCC = 5.5 V,
VI = 5.5 V or GND
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
1
µA
Ci
Control input
VI = 3 V or 0
3
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
4
pF
VCC = 4 V,
TYP at VCC = 4 V,
VI = 2.4 V,
II = 15 mA
14
20
II = 64 mA
5
7
ron(2)
VI = 0
VCC = 4.5 V
II = 30 mA
5
7
VI = 2.4 V,
II = 15 mA
10
15
(1)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(2)
Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is
determined by the lower voltage of the two (A or B) terminals.
2
Submit Documentation Feedback


Similar Part No. - SN74CBT1G384DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT1G384DCKT TI-SN74CBT1G384DCKT Datasheet
636Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DCKT TI-SN74CBT1G384DCKT Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results

Similar Description - SN74CBT1G384DCKT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385 Datasheet
189Kb / 5P
   SINGLE FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125_15 Datasheet
162Kb / 7P
   Single FET Bus Switch
HD74CBT1G126 RENESAS-HD74CBT1G126_15 Datasheet
156Kb / 7P
   Single FET Bus Switch
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385_15 Datasheet
210Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G384 TI-SN74CBT1G384 Datasheet
53Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DBVR TI-SN74CBT1G384DBVR Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G125DBVR TI1-SN74CBT1G125DBVR Datasheet
851Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G384 UTC-U74CBT1G384 Datasheet
171Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G66 TI-SN74CBT1G66 Datasheet
84Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com