Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT72211L25RJ Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ACT72211L25RJ
Description  SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT72211L25RJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT72211L25RJ Datasheet HTML 2Page - Texas Instruments SN74ACT72211L25RJ Datasheet HTML 3Page - Texas Instruments SN74ACT72211L25RJ Datasheet HTML 4Page - Texas Instruments SN74ACT72211L25RJ Datasheet HTML 5Page - Texas Instruments SN74ACT72211L25RJ Datasheet HTML 6Page - Texas Instruments SN74ACT72211L25RJ Datasheet HTML 7Page - Texas Instruments SN74ACT72211L25RJ Datasheet HTML 8Page - Texas Instruments SN74ACT72211L25RJ Datasheet HTML 9Page - Texas Instruments SN74ACT72211L25RJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN74ACT72211L, SN74ACT72221L, SN74ACT72231L, SN74ACT72241L
512 × 9, 1024 × 9, 2048 × 9, AND 4096 × 9
SYNCHRONOUS FIRST IN, FIRST OUT MEMORIES
SCAS222 − FEBRUARY 1993 − REVISED JUNE 1993
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
flag programming (continued)
Table 1. Writing the Offset Registers
LD
WEN1
WCLK†
SELECTION
0
0
Empty offset (LSB)
Empty offset (MSB)
Full offset (LSB)
Full offset (MSB)
0
1
No operation
1
0
Write into FIFO
1
1
No operation
† The same selection sequence applies to reading from
the registers. REN1 and REN2 are enabled and a read
is performed on the low-to-high transition of RCLK.
programmable flag (PAE, PAF) operation
Whether the flag offset registers are programmed as described in Table 1 or the default values are used, the
programmable almost-empty flag (PAE) and programmable almost-full flag (PAF) states are determined by their
corresponding offset registers and the difference between the read and write pointers.
The number formed by the empty offset least significant bit register and empty offset most significant bit register
is referred to as n and determines the operation of PAE. PAE is synchronized to the low-to-high transition of
RCLK by one flip-flop and is low when the FIFO contains n or fewer unread words. PAE is set high by the
low-to-high transition of RCLK when the FIFO contains (n + 1) or greater unread words.
The number formed by the full offset least significant bit register and full offset most significant bit register is
referred to as m and determines the operation of PAF. PAF is synchronized to the low-to-high transition of WCLK
by one flip-flop and is set low when the number of unread words in the FIFO is greater then or equal to (512 − m)
for the SN74ACT72211L, (1024 − m) for the SN74ACT72221L, (2048 − m) for the SN74ACT72231L, and
(4096 − m) for the SN74ACT72241L. PAF is set high by the low-to-high transition of WCLK when the number
of available memory locations is greater than m (see Table 2).
Table 2. Status Flags
NUMBER OF WORDS IN FIFO
OUTPUTS
SN74ACT72211L
SN74ACT72221L
SN74ACT72231L
SN74ACT72241L
FF
PAF
PAE
EF
0
0
0
0
H
H
L
L
1 to n†
1 to n†
1 to n†
1 to n†
H
HL
H
(n + 1) to
[512 − (m + 1)]
(n + 1) to
[1024 − (m + 1)]
(n + 1) to
[2048 − (m + 1)]
(n + 1) to
[4096 − (m + 1)]
H
HH
H
(512 − m)‡ to 511
(1024 − m)‡ to 1023
(2048 − m)‡ to 2047
(4096 − m)‡ to 4095
H
LH
H
512
1024
2048
4096
L
L
H
H
† n = empty offset (default value = 7)
‡ m = full offset (default value = 7)


Similar Part No. - SN74ACT72211L25RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT72211L25RJ TI1-SN74ACT72211L25RJ Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ACT72211L25RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
Texas Instruments
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com