Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS251NSRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALS251NSRE4
Description  1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS251NSRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS251NSRE4 Datasheet HTML 1Page - Texas Instruments SN74ALS251NSRE4 Datasheet HTML 2Page - Texas Instruments SN74ALS251NSRE4 Datasheet HTML 3Page - Texas Instruments SN74ALS251NSRE4 Datasheet HTML 4Page - Texas Instruments SN74ALS251NSRE4 Datasheet HTML 5Page - Texas Instruments SN74ALS251NSRE4 Datasheet HTML 6Page - Texas Instruments SN74ALS251NSRE4 Datasheet HTML 7Page - Texas Instruments SN74ALS251NSRE4 Datasheet HTML 8Page - Texas Instruments SN74ALS251NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN54ALS251, SN74ALS251
1OF8 DATA SELECTORS/MULTIPLEXERS
WITH 3STATE OUTPUTS
SDAS215A − APRIL 1982 − REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54ALS251
SN74ALS251
MIN
MAX
MIN
MAX
tPLH
A, B, or C
Y
1
21
5
18
ns
tPHL
A, B, or C
Y
7
34
8
24
ns
tPLH
A, B, or C
W
5
38
8
24
ns
tPHL
A, B, or C
W
7
26
7
23
ns
tPLH
Any D
Y
2
15
2
10
ns
tPHL
Any D
Y
3
23
3
15
ns
tPLH
Any D
W
3
25
3
15
ns
tPHL
Any D
W
3
20
3
15
ns
tPZH
OE
Y
3
21
3
15
ns
tPZL
OE
Y
3
19
3
15
ns
tPZH
OE
W
3
21
3
15
ns
tPZL
OE
W
3
19
3
15
ns
tPZH
OE
Y
2
12
2
10
ns
tPZL
OE
Y
1
18
1
10
ns
tPZH
OE
W
2
12
2
10
ns
tPZL
OE
W
1
18
1
10
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74ALS251NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS251N TI-SN74ALS251N Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS251NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC251 HITACHI-HD74HC251 Datasheet
54Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC251 RENESAS-HD74HC251 Datasheet
107Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54F251B TI1-SN54F251B_08 Datasheet
114Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS850A TI1-SN74AS850A Datasheet
167Kb / 11P
[Old version datasheet]   1 OF 16 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54AC11253 TI-54AC11253 Datasheet
97Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com