Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A617308S-12 Datasheet(PDF) 3 Page - AMIC Technology

Part # A617308S-12
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A617308S-12 Datasheet(HTML) 3 Page - AMIC Technology

  A617308S-12 Datasheet HTML 1Page - AMIC Technology A617308S-12 Datasheet HTML 2Page - AMIC Technology A617308S-12 Datasheet HTML 3Page - AMIC Technology A617308S-12 Datasheet HTML 4Page - AMIC Technology A617308S-12 Datasheet HTML 5Page - AMIC Technology A617308S-12 Datasheet HTML 6Page - AMIC Technology A617308S-12 Datasheet HTML 7Page - AMIC Technology A617308S-12 Datasheet HTML 8Page - AMIC Technology A617308S-12 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
A617308 Series
PRELIMINARY
(January, 2000, Version 0.2)
2
AMIC Technology, Inc.
Block Diagram
Pin Descriptions – SOJ
Pin No.
Symbol
Description
2 - 12, 23,
25 - 28, 31
A0 - A16
Address Inputs
13 - 15,
17 - 21
I/O0 - I/O7
Data Inputs/Outputs
22
CE1
Chip Enable 1
30
CE2
Chip Enable 2
24
OE
Output Enable
29
WE
Write Enable
32
VCC
Power Supply
16
GND
Ground
1
NC
No Connection
Pin Description - TSOP
Pin No.
Symbol
Description
1 - 4, 7,
10 - 20, 31
A0 - A16
Address Inputs
21 - 23,
25 - 29
I/O0 - I/O7
Data Inputs/Outputs
30
CE1
Chip Enable 1
6
CE2
Chip Enable 2
32
OE
Output Enable
5
WE
Write Enable
8
VCC
Power Supply
24
GND
Ground
9
NC
No Connection
ADDRESS
DECODER
1,048,576-BIT
MEMORY ARRAY
I/O CONTROL
CONTROL
LOGIC
CE1
A16
A0
OE
WE
8
8
8
I/O0 - I/O7
CE2


Similar Part No. - A617308S-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081S-12 AMICC-A6173081S-12 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081S-15 AMICC-A6173081S-15 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081SW-12 AMICC-A6173081SW-12 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081SW-15 AMICC-A6173081SW-15 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A617308S-12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com