Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2357AIDGSTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2357AIDGSTG4
Description  250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2357AIDGSTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2357AIDGSTG4 Datasheet HTML 3Page - Texas Instruments OPA2357AIDGSTG4 Datasheet HTML 4Page - Texas Instruments OPA2357AIDGSTG4 Datasheet HTML 5Page - Texas Instruments OPA2357AIDGSTG4 Datasheet HTML 6Page - Texas Instruments OPA2357AIDGSTG4 Datasheet HTML 7Page - Texas Instruments OPA2357AIDGSTG4 Datasheet HTML 8Page - Texas Instruments OPA2357AIDGSTG4 Datasheet HTML 9Page - Texas Instruments OPA2357AIDGSTG4 Datasheet HTML 10Page - Texas Instruments OPA2357AIDGSTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
OPA357
OPA2357
SBOS235E − MARCH 2002− REVISED MAY 2009
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
FREQUENCY RESPONSE FOR VARIOUS R
L
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
−3
−6
−9
−12
−15
R
L =10kΩ
R
L =100Ω
R
L =1kΩ
R
L =50Ω
G= +1
R
F =0Ω
V
O =0.1VPP
C
L =0pF
FREQUENCY RESPONSE FOR VARIOUS C
L
Frequency (Hz)
10M
1M
100M
1G
100k
9
6
3
0
−3
−6
−9
−12
−15
C
L = 100pF
C
L =47pF
C
L =5.6pF
G= +1
V
O =0.1VPP
R
S =0Ω
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
100
10
1k
1
160
140
120
100
80
60
40
20
0
OPA357
C
L
R
S
V
IN
V
O
1k
For 0.1dB
Flatness
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (Hz)
100M
10M
1M
1G
100k
3
0
−3
−6
−9
−12
−15
OPA357
C
L
R
S
V
IN
V
O
1k
C
L = 47pF, RS = 140Ω
C
L = 100pF, RS =120Ω
C
L =5.6pF,RS =0Ω
G= +1
V
O =0.1VPP
COMMON−MODE REJECTION RATIO AND
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
100M
1G
100
80
60
40
20
0
PSRR
PSRR+
CMRR
OPEN−LOOP GAIN AND PHASE
Frequency (Hz)
10
100
1k
100k
10k
1M
10M
1G
100M
180
160
140
120
100
80
60
40
20
0
−20
−40
Phase
Gain


Similar Part No. - OPA2357AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2357AIDGST BURR-BROWN-OPA2357AIDGST Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
More results

Similar Description - OPA2357AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA357 BURR-BROWN-OPA357 Datasheet
424Kb / 23P
   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com