Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD234DG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65HVD234DG4
Description  3.3-V CAN TRANSCEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD234DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD234DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD234DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD234DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD234DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD234DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD234DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD234DG4 Datasheet HTML 9Page - Texas Instruments SN65HVD234DG4 Datasheet HTML 10Page - Texas Instruments SN65HVD234DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
RECEIVER SWITCHING CHARACTERISTICS
DEVICE SWITCHING CHARACTERISTICS
SN65HVD233
SN65HVD234
SN65HVD235
www.ti.com.............................................................................................................................................. SLLS557F – NOVEMBER 2002 – REVISED AUGUST 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
35
60
tPHL
Propagation delay time, high-to-low-level output
35
60
tsk(p)
Pulse skew (|tPHL – tPLH|)
See Figure 6
7
ns
tr
Output signal rise time
2
5
tf
Output signal fall time
2
5
(1)
All typical values are at 25°C and with a 3.3 V supply.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Loopback delay, driver input to
t(LBK)
HVD233
See Figure 12
7.5
12
ns
receiver output
Loopback delay, driver input to
t(AB1)
See Figure 13
10
20
ns
receiver output
HVD235
Loopback delay, bus input to
t(AB2)
See Figure 14
35
60
ns
receiver output
RS at 0 V, See Figure 11
70
135
Total loop delay, driver input to receiver output,
t(loop1)
RS with 10 kΩ to ground, See Figure 11
105
190
ns
recessive to dominant
RS with 100 kΩ to ground, See Figure 11
535
1000
RS at 0 V, See Figure 11
70
135
Total loop delay, driver input to receiver output,
t(loop2)
RS with 10 kΩ to ground, See Figure 11
105
190
ns
dominant to recessive
RS with 100 kΩ to ground, See Figure 11
535
1000
(1)
All typical values are at 25°C and with a 3.3 V supply.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65HVD233 SN65HVD234 SN65HVD235


Similar Part No. - SN65HVD234DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD234DG4 TI-SN65HVD234DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD234DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com