Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD75DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD75DR
Description  3.3V-Supply RS-485 with IEC ESD Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD75DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD75DR Datasheet HTML 5Page - Texas Instruments SN65HVD75DR Datasheet HTML 6Page - Texas Instruments SN65HVD75DR Datasheet HTML 7Page - Texas Instruments SN65HVD75DR Datasheet HTML 8Page - Texas Instruments SN65HVD75DR Datasheet HTML 9Page - Texas Instruments SN65HVD75DR Datasheet HTML 10Page - Texas Instruments SN65HVD75DR Datasheet HTML 11Page - Texas Instruments SN65HVD75DR Datasheet HTML 12Page - Texas Instruments SN65HVD75DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
I
- Driver Output Current - mA
O
V
= 3.3 V,
DE = V
,
D = 0 V
CC
CC
VOH
VOL
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
I
- Driver Output Current - mA
O
100 W
60 W
V
= 3.3 V,
DE = V
,
D = 0 V
CC
CC
Input
Generator
50 W
V
O
RE
R
A
B
V
CC
50%
50%
50%
t
PZH(2)
3 V
0 V
V
OH
GND
V
I
V
O
V
O
0 V or 1.5 V
1.5 V or 0 V
C = 15 pF 20%
±
L
C Includes Fixture
L
and Instrumentation
Capacitance
V
I
1 kW ± 1%
A at 1.5 V
B at 0 V
S1 to GND
t
PZL(2)
V
CC
V
OL
A at 0 V
B at 1.5 V
S1 to V
CC
S1
S0308-01
SN65HVD72
SN65HVD75
SN65HVD78
www.ti.com
SLLSE11C – MARCH 2012 – REVISED SEPTEMBER 2013
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 8. Measurement of Receiver Enable Times with Driver Disabled
TYPICAL CHARACTERISTICS
DRIVER OUTPUT VOLTAGE
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs
vs
DRIVER OUTPUT CURRENT
DRIVER OUTPUT CURRENT
Figure 9.
Figure 10.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD72 SN65HVD75 SN65HVD78


Similar Part No. - SN65HVD75DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD75DR TI1-SN65HVD75DR Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD75DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com