Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD75DGK Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD75DGK
Description  3.3V-Supply RS-485 with IEC ESD Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD75DGK Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD75DGK Datasheet HTML 1Page - Texas Instruments SN65HVD75DGK Datasheet HTML 2Page - Texas Instruments SN65HVD75DGK Datasheet HTML 3Page - Texas Instruments SN65HVD75DGK Datasheet HTML 4Page - Texas Instruments SN65HVD75DGK Datasheet HTML 5Page - Texas Instruments SN65HVD75DGK Datasheet HTML 6Page - Texas Instruments SN65HVD75DGK Datasheet HTML 7Page - Texas Instruments SN65HVD75DGK Datasheet HTML 8Page - Texas Instruments SN65HVD75DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SN65HVD72
SN65HVD75
SN65HVD78
www.ti.com
SLLSE11C – MARCH 2012 – REVISED SEPTEMBER 2013
SWITCHING CHARACTERISTICS
250 kbps device (HVD72) bit time
≥ 4 µs (over recommended operating conditions)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
Driver differential output rise/fall
0.3
0.7
1.2
µs
tr, tf
time
RL = 54 Ω, CL = 50 pF
See Figure 3
tPHL, tPLH
Driver propagation delay
0.7
1
µs
tSK(P)
Driver pulse skew, |tPHL – tPLH|
0.2
µs
tPHZ, tPLZ
Driver disable time
0.1
0.4
µs
See Figure 4 and
Receiver enabled
0.5
1
µs
Figure 5
tPZH, tPZL
Driver enable time
Receiver disabled
3
9
µs
RECEIVER
tr, tf
Receiver output rise/fall time
12
30
ns
tPHL, tPLH
Receiver propagation delay time
CL = 15 pF
See Figure 6
75
100
ns
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
3
15
ns
tPLZ, tPHZ
Receiver disable time
40
100
ns
Driver enabled
See Figure 7
20
50
ns
tPZL(1), tPZH(1)
Receiver enable time
tPZL(2), tPZH(2)
Driver disabled
See Figure 8
3
8
µs
SWITCHING CHARACTERISTICS
20 Mbps device (HVD75) bit time
≥ 50 ns (over recommended operating conditions)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
Driver differential output rise/fall
2
7
14
ns
tr, tf
time
RL = 54 Ω, CL = 50 pF
See Figure 3
tPHL, tPLH
Driver propagation delay
7
11
17
ns
tSK(P)
Driver pulse skew, |tPHL – tPLH|
0
2
ns
tPHZ, tPLZ
Driver disable time
12
50
ns
See Figure 4 and
Receiver enabled
10
20
ns
Figure 5
tPZH, tPZL
Driver enable time
Receiver disabled
3
7
µs
RECEIVER
tr, tf
Receiver output rise/fall time
5
10
ns
tPHL, tPLH
Receiver propagation delay time
CL = 15 pF
See Figure 6
60
70
ns
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
0
6
ns
tPLZ, tPHZ
Receiver disable time
15
30
ns
Driver enabled
See Figure 7
10
50
ns
tpZL(1), tPZH(1)
Receiver enable time
tPZL(2), tPZH(2)
Driver disabled
See Figure 8
3
8
µs
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65HVD72 SN65HVD75 SN65HVD78


Similar Part No. - SN65HVD75DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD75D TI1-SN65HVD75D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DR TI1-SN65HVD75DR Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD75DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com