Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A617308S Datasheet(PDF) 2 Page - AMIC Technology

Part # A617308S
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A617308S Datasheet(HTML) 2 Page - AMIC Technology

  A617308S Datasheet HTML 1Page - AMIC Technology A617308S Datasheet HTML 2Page - AMIC Technology A617308S Datasheet HTML 3Page - AMIC Technology A617308S Datasheet HTML 4Page - AMIC Technology A617308S Datasheet HTML 5Page - AMIC Technology A617308S Datasheet HTML 6Page - AMIC Technology A617308S Datasheet HTML 7Page - AMIC Technology A617308S Datasheet HTML 8Page - AMIC Technology A617308S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
A617308 Series
Preliminary
128K X 8 BIT HIGH SPEED CMOS SRAM
PRELIMINARY
(January, 2000, Version 0.2)
1
AMIC Technology, Inc.
Features
n Single + 5V power supply
n Access times: 10/12/15 ns (max.)
n Current: Operating: 150mA (max.)
Standby:
12mA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL compatible
n Common I/O using three-state output
n Data retention voltage: 3V (min.)
n Available in 32-pin SOJ and TSOP packages
General Description
The A617308 is a high-speed, low-power 1,048,576-bit
static random access memory organized as 131,072
words by 8 bits and operates on a single 5V power
supply. It is built using high performance CMOS process.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Minimum standby power is drawn by this device when
chip enable is disable, independent of the other input
levels.
Data retention is guaranteed at a power supply voltage
as low as 3V.
Pin Configurations
n SOJ
n
n TSOP
A10
7
6
5
4
3
GND
OE
CE1
2
1
0
1
9
32
24
A11
A9
2
3
4
5
6
7
8
10
11
12
13
14
15
16
A8
A13
VCC
NC
A14
A12
A7
A6
A5
A4
31
30
29
28
27
26
25
23
22
21
20
19
18
17
I/O
I/O
I/O
I/O
I/O
A0
A1
A2
A3
A15
WE
CE2
I/O
I/O
I/O
A16
A617308V
NC
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O 0
I/O 1
I/O 2
I/O 3
GND
I/O 4
I/O 5
I/O 6
I/O 7
A10
A9
A8
A13
CE2
A15
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
OE
CE1
WE
A16


Similar Part No. - A617308S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081S-12 AMICC-A6173081S-12 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081S-15 AMICC-A6173081S-15 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081SW-12 AMICC-A6173081SW-12 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081SW-15 AMICC-A6173081SW-15 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A617308S

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com