Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A617308S Datasheet(PDF) 10 Page - AMIC Technology

Part # A617308S
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A617308S Datasheet(HTML) 10 Page - AMIC Technology

Back Button A617308S Datasheet HTML 5Page - AMIC Technology A617308S Datasheet HTML 6Page - AMIC Technology A617308S Datasheet HTML 7Page - AMIC Technology A617308S Datasheet HTML 8Page - AMIC Technology A617308S Datasheet HTML 9Page - AMIC Technology A617308S Datasheet HTML 10Page - AMIC Technology A617308S Datasheet HTML 11Page - AMIC Technology A617308S Datasheet HTML 12Page - AMIC Technology A617308S Datasheet HTML 13Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
A617308 Series
PRELIMINARY
(January, 2000, Version 0.2)
9
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0V to 3.0V
Input Rise and Fall Time
2 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
* Including scope and jig.
5V
DATAOUT
30pF
480
255
5V
DATAOUT
5pF*
480
255
Figure 1. Output Load
Figure 2. Output Load for tCLZ, tOLZ,
tCHZ, tOHZ, tWHZ, and tOW
Data Retention Characteristics (TA = 0
°C to 70°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR
VCC for Data Retention
3
5.5
V
CE1 ≥ VCC - 0.2V
ICCDR
Data Retention Current
-
1
mA
VCC = 3.0V
CE1 ≥ VCC - 0.2V
CE2
≤ 0.2V
VIN
≥ VCC - 0.2V or
VIN
≤ 0.2V
tCDR
Chip Disable to Data Retention
Time
0
-
ns
See Retention Waveform
tR
Operation Recovery Time
TRC*
-
ms
tRC = Read Cycle Time


Similar Part No. - A617308S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081S-12 AMICC-A6173081S-12 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081S-15 AMICC-A6173081S-15 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081SW-12 AMICC-A6173081SW-12 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A6173081SW-15 AMICC-A6173081SW-15 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A617308S

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com