Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW50NC60W Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGW50NC60W
Description  N-channel 600V - 55A - TO-247
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50NC60W Datasheet(HTML) 5 Page - STMicroelectronics

  STGW50NC60W Datasheet HTML 1Page - STMicroelectronics STGW50NC60W Datasheet HTML 2Page - STMicroelectronics STGW50NC60W Datasheet HTML 3Page - STMicroelectronics STGW50NC60W Datasheet HTML 4Page - STMicroelectronics STGW50NC60W Datasheet HTML 5Page - STMicroelectronics STGW50NC60W Datasheet HTML 6Page - STMicroelectronics STGW50NC60W Datasheet HTML 7Page - STMicroelectronics STGW50NC60W Datasheet HTML 8Page - STMicroelectronics STGW50NC60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STGW50NC60W
Electrical characteristics
5/14
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V
52
17
2400
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Tj = 125°C
50
19
2020
ns
ns
A/µs
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
31
240
35
ns
ns
ns
tr(Voff)
td(Voff)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Tj = 125°C
59
280
63
ns
ns
ns
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
Eoff
(1)
Ets
1.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Figure 15
365
560
925
470
790
1260
µJ
µJ
µJ
Eon
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 40A
RG= 10Ω, VGE= 15V,
Tj = 125°C
Figure 15
635
910
1545
µJ
µJ
µJ


Similar Part No. - STGW50NC60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
   N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT
More results

Similar Description - STGW50NC60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
STGW50NB60M STMICROELECTRONICS-STGW50NB60M Datasheet
299Kb / 9P
   N-CHANNEL 50A - 600V - TO-247 PowerMESH??IGBT
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STW12NC60 STMICROELECTRONICS-STW12NC60 Datasheet
86Kb / 8P
   N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET
STW10NB60 STMICROELECTRONICS-STW10NB60 Datasheet
93Kb / 8P
   N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com