Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A45L9332A Datasheet(PDF) 2 Page - AMIC Technology

Part # A45L9332A
Description  256K X 32 Bit X 2 Banks Synchronous Graphic RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A45L9332A Datasheet(HTML) 2 Page - AMIC Technology

  A45L9332A Datasheet HTML 1Page - AMIC Technology A45L9332A Datasheet HTML 2Page - AMIC Technology A45L9332A Datasheet HTML 3Page - AMIC Technology A45L9332A Datasheet HTML 4Page - AMIC Technology A45L9332A Datasheet HTML 5Page - AMIC Technology A45L9332A Datasheet HTML 6Page - AMIC Technology A45L9332A Datasheet HTML 7Page - AMIC Technology A45L9332A Datasheet HTML 8Page - AMIC Technology A45L9332A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
A45L9332A Series
Preliminary
256K X 32 Bit X 2 Banks Synchronous Graphic RAM
PRELIMINARY
(October, 2001, Version 0.1)
1
AMIC Technology, Inc.
Features
n JEDEC standard 3.3V power supply
n LVTTL compatible with multiplexed address
n Dual banks / Pulse RAS
n MRS cycle with address key programs
- CAS Latency (2,3)
- Burst Length (1,2,4,8 & full page)
- Burst Type (Sequential & Interleave)
n All inputs are sampled at the positive going edge of the
system clock
n Burst Read Single-bit Write operation
n DQM 0-3 for byte masking
n Auto & self refresh
n 32ms refresh period (2K cycle)
n 100 Pin QFP, LQFP (14 X 20 mm)
Graphics Features
n SMRS cycle
- Load mask register
- Load color register
n Write Per Bit (Old Mask)
n Block Write (8 Columns)
General Description
The A45L9332A is 16,777,216 bits synchronous high data
rate Dynamic RAM organized as 2 X 262,144 words by 32
bits, fabricated with AMIC’s high performance CMOS
technology. Synchronous design allows precise cycle
control with the use of system clock. I/O transactions are
possible on every clock cycle. Range of operating
frequencies, programmable latencies allows the same
device to be useful for a variety of high bandwidth, high
performance memory system applications.
Write per bit and 8 columns block write improves
performance in graphics system.


Similar Part No. - A45L9332A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A45 MACOM-A45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
381Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45 MA-COM-A45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
643Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results

Similar Description - A45L9332A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
logo
Integrated Silicon Solu...
IS42G32256 ISSI-IS42G32256 Datasheet
456Kb / 52P
   256K x 32 x 2 (16-Mbit) SYNCHRONOUS GRAPHICS RAM
logo
AMIC Technology
A43L0632 AMICC-A43L0632 Datasheet
1Mb / 44P
   512K X 32 Bit X 2 Banks Synchronous DRAM
A43E06321 AMICC-A43E06321 Datasheet
1Mb / 46P
   512K X 32 Bit X 2 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com