Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A416316BV-35L Datasheet(PDF) 4 Page - AMIC Technology

Part # A416316BV-35L
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A416316BV-35L Datasheet(HTML) 4 Page - AMIC Technology

  A416316BV-35L Datasheet HTML 1Page - AMIC Technology A416316BV-35L Datasheet HTML 2Page - AMIC Technology A416316BV-35L Datasheet HTML 3Page - AMIC Technology A416316BV-35L Datasheet HTML 4Page - AMIC Technology A416316BV-35L Datasheet HTML 5Page - AMIC Technology A416316BV-35L Datasheet HTML 6Page - AMIC Technology A416316BV-35L Datasheet HTML 7Page - AMIC Technology A416316BV-35L Datasheet HTML 8Page - AMIC Technology A416316BV-35L Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
A416316B Series
PRELIMINARY
(November, 2000, Version 0.0)
3
AMIC Technology, Inc.
Block Diagram
RAS CLOCK
GENERATOR
UPPER
BYTE
DATA
I/O
BUFFER
SENSE AMP
COLUMN
DECODER
WE CLOCK
GENERATOR
UCAS CLOCK
GENERATOR
SUBSTRATE
BIAS
GENERATOR
256 X 256 X 16
ARRAY
RAS
UCAS
A0
A7
A6
A5
A4
A3
A2
A1
VSS
VCC
I/O8
I/O9
I/O10
I/O11
Y0 - Y7
256
X0 - X7
I/O12
I/O13
I/O14
I/O15
OE CLOCK
GENERATOR
WE
OE
LCAS CLOCK
GENERATOR
LCAS
256 X 16
LOWER
BYTE
DATA
I/O
BUFFER
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
Recommended Operating Conditions
(Ta = 0
°C to +70°C)
Symbol
Description
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
VSS
0.0
0.0
0.0
V
VIH
Input Voltage
2.4
-
VCC + 1
V
VIL
-1.0
-
0.8
V


Similar Part No. - A416316BV-35L

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A41681A13A102 MOLEX3-A41681A13A102 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
A41681A13A197 MOLEX11-A41681A13A197 Datasheet
55Kb / 2P
   KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
logo
MicroPower Direct, LLC
A416RU MPD-A416RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A416316BV-35L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com