Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A43L0616A Datasheet(PDF) 5 Page - AMIC Technology

Part No. A43L0616A
Description  512K X 16 Bit X 2 Banks Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L0616A Datasheet(HTML) 5 Page - AMIC Technology

  A43L0616A Datasheet HTML 1Page - AMIC Technology A43L0616A Datasheet HTML 2Page - AMIC Technology A43L0616A Datasheet HTML 3Page - AMIC Technology A43L0616A Datasheet HTML 4Page - AMIC Technology A43L0616A Datasheet HTML 5Page - AMIC Technology A43L0616A Datasheet HTML 6Page - AMIC Technology A43L0616A Datasheet HTML 7Page - AMIC Technology A43L0616A Datasheet HTML 8Page - AMIC Technology A43L0616A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
A43L0616A
(May, 2001, Version 1.0)
4
AMIC Technology, Inc.
Absolute Maximum Ratings*
Voltage on any pin relative to VSS (Vin, Vout ) . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +4.6V
Voltage on VDD supply relative to VSS (VDD, VDDQ )
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +4.6V
Storage Temperature (TSTG) . . . . . . . . . . -55
°C to +150°C
Soldering Temperature X Time (TSLODER) . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C X 10sec
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Short Circuit Current (Ios) . . . . . . . . . . . . . . . . . . . . 50mA
*Comments
Permanent
device
damage
may
occur
if
“Absolute
Maximum Ratings” are exceeded.
Functional operation should be restricted to recommended
operating condition.
Exposure
to
higher
than
recommended
voltage
for
extended periods of time could affect device reliability.
Capacitance (TA=25
°°C, f=1MHz)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Capacitance
CI1
A0 to A10, BA
2
4
pF
CI2
CLK, CKE,
CS , RAS , CAS , WE ,
UDQM, LDQM
2
4
pF
Data Input/Output Capacitance
CI/O
DQ0 to DQ15
2
6
pF
DC Electrical Characteristics
Recommend operating conditions (Voltage referenced to VSS = 0V, TA = 0ºC to +70ºC or -40ºC to +85ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VDD,VDDQ
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VDD+0.3
V
Input Low Voltage
VIL
-0.3
0
0.8
V
Note 1
Output High Voltage
VOH
2.4
-
-
V
IOH = -2mA
Output Low Voltage
VOL
-
-
0.4
V
IOL = 2mA
Input Leakage Current
IIL
-5
-
5
µA
Note 2
Output Leakage Current
IOL
-5
-
5
µA
Note 3
Output Loading Condition
See Figure 1
Note: 1. VIL (min) = -1.5V AC (pulse width
≤ 5ns).
2. Any input 0V
≤ VIN ≤ VDD + 0.3V, all other pins are not under test = 0V
3. Dout is disabled, 0V
≤ Vout ≤ VDD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HY57V161610ETP-I 2 Banks x 512K x 16 Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
HY57V161610D-I 2 Banks x 512K x 16 Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
A43L1632 512K X 32 Bit X 4 Banks Synchronous DRAM 1  2  3  4  5  More AMIC Technology
HY57V161610E 2 Banks x 512K x 16 Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
M12L64322A 512K x 32 Bit x 4 Banks Synchronous DRAM 1  2  3  4  5  More Elite Semiconductor Memory Technology Inc.
HY57V161610ET-I 2 Banks x 512K x 16 Bit Synchronous DRAM 1  2  3  4  5  More Hynix Semiconductor
A43E06161 512K X 16 Bit X 2 Banks Synchronous DRAM 1  2  3  4  5  More AMIC Technology
A43E06321 512K X 32 Bit X 2 Banks Low Power Synchronous DRAM 1  2  3  4  5  More AMIC Technology
A43L0616B 512K X 16 Bit X 2 Banks Synchronous DRAM 1  2  3  4  5  More AMIC Technology
A43L0632 512K X 32 Bit X 2 Banks Synchronous DRAM 1  2  3  4  5  More AMIC Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn