Electronic Components Datasheet Search |
|
CRCW0805261RZKEA Datasheet(PDF) 2 Page - Vishay Siliconix |
|
CRCW0805261RZKEA Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 8 page www.vishay.com For technical questions in Europe, contact: ff3cresistors@vishay.com Document Number: 20035 108 For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com Revision: 04-Jul-07 D../CRCW.... e3 Vishay Lead (Pb)-free Thick Film, Rectangular Chip Resistors Notes 1. For sizes 0402 until 1206 the measuring conditions are in acc. to EN 140401-802. For all other sizes the result depends on the solder pad dimensions. 2. Rated voltage: 3. The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded. Notes 1. Preferred way for ordering products is by use of the PART NUMBER 2. Please refer to table PACKAGING, see next page TECHNICAL SPECIFICATIONS PARAMETER UNIT CRCW0201 D10/ CRCW0402 D11/ CRCW0603 D12/ CRCW0805 D25/ CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 Rated Dissipation at 70 °C3) W 0.05 0.063 0.10 0.125 0.25 0.33 1.0 0.5 1.0 Limiting Element Voltage2) V ≅ 30 50 75 150 200 200 200 400 500 Insulation Voltage (1 min) Vpeak 50 > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 Thermal Resistance1) K/W ≤ 870 ≤ 550 ≤ 440 ≤ 220 ≤ 140 ≤ 65 ≤ 88 ≤ 65 Insulation Resistance Ω > 109 Category Temperature Range °C - 55/+ 125 (+ 155) Failure Rate h-1 1.10-9 0.3 • 10-9 Weight/1000 pcs g 0.17 0.65 2 5.5 10 16 29.5 25.5 40.5 PxR PART NUMBER AND PRODUCT DESCRIPTION PART NUMBER: CRCW0603562RFKEC1) CR C W 06 03 56 2R FKE C MODEL CRCW0201 CRCW0402 CRCW0603 CRCW0805 CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 PACKAGING2) EA, EB, EC, ED, EE, EF, EG, EH, EI, EK, EL, EY SPECIAL up to 2 digits PRODUCT DESCRIPTION: D11/CRCW0603 100 562R 1 % ET6 e3 D11/CRCW0603 100 562R 1 % ET6 e3 MODEL RESISTANCE VALUE TOLERANCE PACKAGING2) LEAD (Pb)-FREE CRCW0201 ± 200 ppm/K 10R = 10 Ω ± 5 % ET1, ET5 e3 = Pure Tin D10/CRCW0402 ± 100 ppm/K 562R = 562 Ω ± 1 % ET6, ET7 Termination Finish D11/CRCW0603 10K = 10.0 k Ω EF4, E02 D12/CRCW0805 1M = 1 M Ω E67, E82 D25/CRCW1206 EG1, ET9 CRCW1210 E20, E27 CRCW1218 CRCW2010 CRCW2512 VALUE R = Decimal K = Thousand M = Million 0000 = Jumper TOLERANCE F = ± 1.0 % J = ± 5.0 % Z = Jumper K = ± 100 ppm/K N = ± 200 ppm/K TCR 0 = Jumper S = Special 0R0 = Jumper TCR |
Similar Part No. - CRCW0805261RZKEA |
|
Similar Description - CRCW0805261RZKEA |