Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A416316BV-35 Datasheet(PDF) 6 Page - AMIC Technology

Part # A416316BV-35
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A416316BV-35 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A416316BV-35 Datasheet HTML 2Page - AMIC Technology A416316BV-35 Datasheet HTML 3Page - AMIC Technology A416316BV-35 Datasheet HTML 4Page - AMIC Technology A416316BV-35 Datasheet HTML 5Page - AMIC Technology A416316BV-35 Datasheet HTML 6Page - AMIC Technology A416316BV-35 Datasheet HTML 7Page - AMIC Technology A416316BV-35 Datasheet HTML 8Page - AMIC Technology A416316BV-35 Datasheet HTML 9Page - AMIC Technology A416316BV-35 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
A416316B Series
PRELIMINARY
(November, 2000, Version 0.0)
5
AMIC Technology, Inc.
Absolute Maximum Ratings*
Input Voltage (Vin) . . . . . . . . . . . . . . . . . . . -1.0V to +7.0V
Output Voltage (Vout) . . . . . . . . . . . . . . . . -1.0V to +7.0V
Power Supply Voltage (VCC) . . . . . . . . . . -1.0V to +7.0V
Operating Temperature (TOPR) . . . . . . . . . . 0
°C to +70°C
Storage Temperature (TSTG) . . . . . . . . . -55
°C to +150°C
Soldering Temperature X Time (TSLODER) . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C X 10sec
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . 1W
Short Circuit Output Current (Iout) . . . . . . . . . . . . . 50mA
Latch-up Current . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
DC Electrical Characteristics
(VCC = 5V
± 10%, VSS = 0V, Ta = 0°C to +70°C)
Symbol
Parameter
-30
-35
-40
Unit
Test Conditions
Notes
Min.
Max.
Min.
Max.
Min.
Max.
IIL
Input Leakage Current
-10
+10
-10
+10
-10
+10
µA
0V
≤ Vin ≤ +5.5V
Pins not under test = 0V
IOL
Output Leakage
Current
-10
+10
-10
+10
-10
+10
µA
DOUT disabled,
0V
≤ Vout ≤ +5.5V
ICC1
Operating Current
-
95
-
85
-
75
mA
RAS , UCAS , LCAS
Address cycling
tRC = min.
1, 2
ICC2
TTL Standby Power
Supply Current
-
3
-
3
-
3
mA
RAS = CAS
≥ VIH
All other inputs
≥ VSS
ICC3
Refresh Current
(
RAS only Refresh)
-
95
-
85
-
75
mA
RAS cycling,
UCAS = LCAS = VIH,
tRC = min.
1
ICC4
Fast Page Mode
Current
-
95
-
85
-
75
mA
RAS = VIL,
UCAS , LCAS Address cycling
tPC = min.
1, 2
ICC5
Refresh Current
(
CAS -before-
RAS Refresh )
-
95
-
85
-
75
mA
RAS , UCAS , LCAS cycling
tRC = min.
1
ICC6
CMOS Standby
Power Supply Current
-
2
-
2
-
2
mA
RAS = CAS
≥ VCC - 0.2V
All other inputs
≥ VSS
ICC7
Self Refresh Mode
Current
-
3
-
3
-
3
mA
RAS = CAS
≤ VSS + 0.2V
All other inputs
≥ VSS
VOH
Output High Voltage
2.4
-
2.4
-
2.4
-
V
IOUT = -5.0mA
VOL
Output Low Voltage
-
0.4
-
0.4
-
0.4
V
IOUT = 4.2mA


Similar Part No. - A416316BV-35

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A41681A13A102 MOLEX3-A41681A13A102 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
A41681A13A197 MOLEX11-A41681A13A197 Datasheet
55Kb / 2P
   KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
logo
MicroPower Direct, LLC
A416RU MPD-A416RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A416316BV-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com