Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A416316BV-35 Datasheet(PDF) 2 Page - AMIC Technology

Part # A416316BV-35
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A416316BV-35 Datasheet(HTML) 2 Page - AMIC Technology

  A416316BV-35 Datasheet HTML 1Page - AMIC Technology A416316BV-35 Datasheet HTML 2Page - AMIC Technology A416316BV-35 Datasheet HTML 3Page - AMIC Technology A416316BV-35 Datasheet HTML 4Page - AMIC Technology A416316BV-35 Datasheet HTML 5Page - AMIC Technology A416316BV-35 Datasheet HTML 6Page - AMIC Technology A416316BV-35 Datasheet HTML 7Page - AMIC Technology A416316BV-35 Datasheet HTML 8Page - AMIC Technology A416316BV-35 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
A416316B Series
Preliminary
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
PRELIMINARY
(November, 2000, Version 0.0)
1
AMIC Technology, Inc.
Features
n Organization: 65,536 words X 16 bits
n Part Identification:
- A416316B
- A416316B-L (with self-refresh mode)
n High speed
- 30/35/40 ns RAS access time
- 16/18/20 ns column address access time
- 10/11/12 ns CAS access time
n Low power consumption
- Operating: 75mA (-30 max)
- Standby: 3 mA (TTL)
n Separate CAS ( UCAS ,LCAS ) for byte selection
n Self refresh mode
n 256 refresh cycles, 4 ms refresh interval
n Read-modify-write, RAS -only, CAS -before- RAS ,
Hidden refresh capability
n TTL-compatible, three-state I/O
n JEDEC standard packages
- 400mil, 40-pin SOJ
- 400mil, 40/44 TSOP type II package
n Single 5V power supply/built-in VBB generator
Pin Configuration
Pin Descriptions
n
n SOJ
n
nTSOP
VCC
I/O0
I/O1
NC
A1
A2
A3
VCC
A4
A5
A6
A7
NC
I/O13
I/O14
I/O15
VSS
21
WE
RAS
I/O12
OE
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0
NC
NC
VCC
VSS
UCAS
LCAS
NC
I/O8
I/O9
I/O10
I/O11
VSS
20
19
18
12
16
17
13
14
15
11
10
9
8
7
6
5
4
3
2
1
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
VCC
I/O0
I/O1
NC
A1
A2
A3
A4
A5
A6
A7
NC
I/O13
I/O14
I/O15
VSS
23
WE
RAS
I/O12
OE
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0
NC
NC
VCC
VSS
UCAS
LCAS
NC
I/O8
I/O9
I/O10
I/O11
VSS
22
21
20
14
18
19
15
16
17
13
10
9
8
7
6
5
4
3
2
1
24
25
26
27
28
29
30
31
32
35
36
37
38
39
40
41
42
43
44
VCC
Symbol
Description
A0 – A7
Address Inputs
I/O0 - I/O15
Data Input/Output
RAS
Row Address Strobe
UCAS
Column Address Strobe/Upper Byte Control
LCAS
Column Address Strobe/Lower Byte Control
WE
Write Enable
OE
Output Enable
VCC
+5V Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - A416316BV-35

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A41681A13A102 MOLEX3-A41681A13A102 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
A41681A13A197 MOLEX11-A41681A13A197 Datasheet
55Kb / 2P
   KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
logo
MicroPower Direct, LLC
A416RU MPD-A416RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A416316BV-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com