Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A426316BS Datasheet(PDF) 7 Page - AMIC Technology

Part # A426316BS
Description  64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A426316BS Datasheet(HTML) 7 Page - AMIC Technology

Back Button A426316BS Datasheet HTML 3Page - AMIC Technology A426316BS Datasheet HTML 4Page - AMIC Technology A426316BS Datasheet HTML 5Page - AMIC Technology A426316BS Datasheet HTML 6Page - AMIC Technology A426316BS Datasheet HTML 7Page - AMIC Technology A426316BS Datasheet HTML 8Page - AMIC Technology A426316BS Datasheet HTML 9Page - AMIC Technology A426316BS Datasheet HTML 10Page - AMIC Technology A426316BS Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
A426316B Series
PRELIMINARY
(November, 2000, Version 0.0)
6
AMIC Technology, Inc.
AC Characteristics
(VCC = 5V
± 10%, VSS = 0V, Ta = 0°C to +70°C)
#
Std
Symbol
Parameter
-30
-35
-40
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
1
tRC
Random Read or Write Cycle Time
65
-
70
-
75
-
ns
2
tRP
RAS
Precharge Time
25
-
25
-
25
-
ns
3
tRAS
RAS
Pulse Width
30
75K
35
75K
40
75K
ns
4
tCAS
CAS
Pulse Width
5
-
6
-
7
-
ns
5
tRCD
RAS
to CAS Delay Time
15
20
16
24
17
28
ns
6
6
tRAD
RAS
to Column Address Delay Time
10
14
11
17
12
20
ns
7
7
tRSH
CAS
to RAS Hold Time
10
-
10
-
10
-
ns
8
tCSH
CAS
Hold Time
30
-
35
-
40
-
ns
9
tCRP
CAS
to RAS Precharge Time
5
-
5
-
5
-
ns
10
tASR
Row Address Setup Time
0
-
0
-
0
-
ns
11
tRAH
Row Address Hold Time
5
-
6
-
7
-
ns
tT
Transition Time (Rise and Fall)
2
50
2
50
2
52
ns
4, 5
tREF
Refresh Period
-
4
-
4
-
4
ms
3
12
tCLZ
CAS
to Output in Low Z
0
-
0
-
0
-
ns
8
13
tRAC
Access Time from RAS
-
30
-
35
-
40
ns
6,7
14
tCAC
Access Time from CAS
-
10
-
11
-
12
ns
6, 13
15
tAA
Access Time from Column Address
-
16
-
18
-
20
ns
7, 13
16
tAR
Column Address Hold Time from RAS
26
-
28
-
30
-
ns
17
tRCS
Read Command Setup Time
0
-
0
-
0
-
ns


Similar Part No. - A426316BS

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
A4264B-2SUR-S530-A3 EVERLIGHT-A4264B-2SUR-S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2 EVERLIGHT-A4264B-2SYG-S530-E2 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B-2SYG-S530-E2-C199 EVERLIGHT-A4264B-2SYG-S530-E2-C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A4264B/2SUR/S530-A3 EVERLIGHT-A4264B/2SUR/S530-A3 Datasheet
104Kb / 6P
   3mm 2Pcs Circuit Board Indicator
A4264B/2SYG/S530-E2/C199 EVERLIGHT-A4264B/2SYG/S530-E2/C199 Datasheet
98Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results

Similar Description - A426316BS

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com