Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM8801xR2V Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FODM8801xR2V
Description  FODM8801A, FODM8801B, FODM8801C OptoHiT??Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM8801xR2V Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FODM8801xR2V Datasheet HTML 6Page - Fairchild Semiconductor FODM8801xR2V Datasheet HTML 7Page - Fairchild Semiconductor FODM8801xR2V Datasheet HTML 8Page - Fairchild Semiconductor FODM8801xR2V Datasheet HTML 9Page - Fairchild Semiconductor FODM8801xR2V Datasheet HTML 10Page - Fairchild Semiconductor FODM8801xR2V Datasheet HTML 11Page - Fairchild Semiconductor FODM8801xR2V Datasheet HTML 12Page - Fairchild Semiconductor FODM8801xR2V Datasheet HTML 13Page - Fairchild Semiconductor FODM8801xR2V Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM8801X Rev. 1.1.2
11
Ordering Information
All packages are lead free per JEDEC: J-STD-020B standard.
“x ” denotes the Current Transfer Ratio option. For example, FODM8801A R2 is a phototransistor with
80% to 160% CTR in tape and reel packaging.
Marking Information
Part Number
Current Transfer Ratio (CTR %) Option, IF = 1 mA, VCE = 5 V
FODM8801A
80% to 160%
FODM8801B
130% to 260%
FODM8801C
200% to 400%
Packing Method
FODM8801x
Tube (100 units per tube)
FODM8801x R2
Tape and Reel (2500 units per reel)
FODM8801x V
Tube (100 units per tube), DIN/EN IEC60747-5-5
FODM8801x R2V
Tape and Reel (2500 units per reel), DIN/EN IEC60747-5-5
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number, ‘x’ denotes CTR% option (A, B, or C)
3
VDE mark (Note: Only appears on parts ordered with
DIN/EN IEC60747-5-5 option – See order entry table)
4
One-digit year code, e.g., ‘1’ represents the year 2011
5
Two-digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
8801x
X
V
M
YY


Similar Part No. - FODM8801xR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8801A FAIRCHILD-FODM8801A Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FODM8801A ONSEMI-FODM8801A Datasheet
286Kb / 11P
   OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
June, 2020 ??Rev. 4
FODM8801A ONSEMI-FODM8801A Datasheet
203Kb / 11P
   OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
October, 2021 ??Rev. 5
FODM8801A ONSEMI-FODM8801A Datasheet
206Kb / 11P
   OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
December, 2022 - Rev. 7
FODM8801AR2 ONSEMI-FODM8801AR2 Datasheet
203Kb / 11P
   OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
October, 2021 ??Rev. 5
More results

Similar Description - FODM8801xR2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FODM8801A ONSEMI-FODM8801A Datasheet
286Kb / 11P
   OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
June, 2020 ??Rev. 4
FODM8801A ONSEMI-FODM8801A_V01 Datasheet
203Kb / 11P
   OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
October, 2021 ??Rev. 5
FODM8801A ONSEMI-FODM8801A_V02 Datasheet
206Kb / 11P
   OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
December, 2022 - Rev. 7
logo
Vishay Siliconix
VOS617A VISHAY-VOS617A_V02 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2023
VOS617A VISHAY-VOS617A_14 Datasheet
155Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
Rev. 1.4, 08-Jan-14
logo
CT Micro International ...
CTH217 CTMICRO-CTH217 Datasheet
1Mb / 10P
   DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214CTH214 CTMICRO-CTH214CTH214 Datasheet
1Mb / 10P
   AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
logo
Vishay Siliconix
VOS617A VISHAY-VOS617A_V01 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2022
logo
CT Micro International ...
CTH214A CTMICRO-CTH214A Datasheet
1Mb / 10P
   AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214 CTMICRO-CTH214 Datasheet
1Mb / 10P
   AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com