Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV103HG3 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DRV103HG3
Description  PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV103HG3 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DRV103HG3 Datasheet HTML 5Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 6Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 7Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 8Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 9Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 10Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 11Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 12Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DRV103
9
SBVS029A
A 100pF capacitor in parallel with RPWM is recommended
when switching a high load current to maintain a clean
output switching waveform, as shown in Figure 6.
The DRV103’s adjustable PWM output frequency allows it
to be optimized for driving virtually any type of load.
ADJUSTABLE DUTY CYCLE (PWM Mode)
The DRV103’s externally adjustable duty cycle provides an
accurate means of controlling power delivered to a load.
Duty cycle can be set over a range of at least 10% to 90%
with an external resistor, analog voltage, or the voltage
output of a D/A converter. A low duty cycle results in
reduced power dissipation in the load. This keeps the DRV103
and the load cooler, resulting in increased reliability for both
devices.
Resistor Controlled Duty Cycle
Duty cycle is easily programmed by connecting a resistor
(RPWM) between the Duty Cycle Adjust pin (pin 1) and
ground. High resistor values correspond to high duty cycles.
Table III provides resistor values for typical duty cycles.
Resistor values for additional duty cycles can be obtained
from Figure 5. For reference purposes, the equation for
calculating RPWM is included in Figure 5.
DUTY CYCLE
RPWM (Nearest 1% Values)
(%)
5kHz
25kHz
100kHz
5
374k
75k
16.9k
10
402k
80.6k
19.1k
20
475k
95.3k
22.6k
30
549k
110k
26.1k
40
619k
124k
29.4k
50
681k
137k
33.2k
60
750k
150k
37.4k
70
825k
165k
40.2k
80
887k
182k
44.2k
90
953k
196k
47.5k
95
1M
200k
49.9k
TABLE III. Duty Cycle Adjust Resistance.
FIGURE 5. Using a Resistor to Program Duty Cycle.
At 25kHz: RPWM (kΩ) = 67.46 + 1.41 • %DC.
1M
100k
10k
20
40
0
60
80
100
DUTY CYCLE vs R
PWM
Duty Cycle (%)
5kHz
25kHz
100kHz
R
PWM
only on
Pin 1
With
100pF in
Parallel with
R
PWM
Time (10
µs)
FIGURE 6. Output Waveform at High Load Current.
100
90
80
70
60
50
40
30
20
10
0
2
1
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
34
DUTY CYCLE AND DUTY CYCLE ERROR
vs VOLTAGE
V
PWM (V)
FIGURE 7. Using a Voltage to Program Duty Cycle.
At VS = 24V and F = 25kHz: VPWM = 1.25 +
0.026 • %DC.
Voltage Controlled Duty Cycle
Duty cycle can also be programmed by an analog voltage,
VPWM. With VPWM ≈ 3.56V, duty cycle is about 90%.
Decreasing this voltage results in decreased duty cycles.
Table IV provides VPWM values for typical duty cycles. The
“Duty Cycle vs Voltage” typical performance curve for
additional duty cycles is shown in Figure 7.
DUTY CYLE
VPWM
(%)
(V)
5
1.344
10
1.518
20
1.763
40
2.283
60
2.788
80
3.311
90
3.561
95
3.705
TABLE IV. Duty Cycle Adjust Voltage.


Similar Part No. - DRV103HG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103HG3 TI-DRV103HG3 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
More results

Similar Description - DRV103HG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103UG4 TI-DRV103UG4 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
logo
Toshiba Semiconductor
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV110A-Q1 TI1-DRV110A-Q1 Datasheet
831Kb / 21P
[Old version datasheet]   120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves
logo
Toshiba Semiconductor
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
   LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com