Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV103HG3 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DRV103HG3
Description  PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV103HG3 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DRV103HG3 Datasheet HTML 2Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 3Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 4Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 5Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 6Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 7Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 8Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 9Page - Burr-Brown (TI) DRV103HG3 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DRV103
6
SBVS029A
TYPICAL CHARACTERISTICS (Cont.)
At TC = +25°C and VS = +24V, unless otherwise noted.
50
40
30
20
10
0
–10
–60
40
90
140
MINIMUM DELAY vs JUNCTION TEMPERATURE
Temperature (
°C)
C
D = 0pF
25.5
25.3
25.1
24.9
24.7
–10
–60
40
90
140
OSCILLATOR FREQUENCY
vs JUNCTION TEMPERATURE
Temperature (
°C)
50.8
50.6
50.4
50.2
50.0
49.8
49.6
49.4
49.2
–10
–60
40
90
140
DUTY CYCLE vs JUNCTION TEMPERATURE
Temperature (
°C)
R
PWM = 137kΩ
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–10
–60
40
90
140
V
SAT vs JUNCTION TEMPERATURE
Temperature (
°C)
I
O = 3A
I
O = 1.5A
I
O = 0.1A
I
O = 0.5A
1.287
1.286
1.285
1.284
1.283
1.282
1.281
1.280
1.279
1.278
1.277
1.276
–10
–60
40
90
140
V
FREQ vs JUNCTION TEMPERATURE
Temperature (
°C)
300
250
200
150
100
50
0
–50
4.5
4
5
5.5
6
INPUT CURRENT vs INPUT VOLTAGE
Input Voltage (V)


Similar Part No. - DRV103HG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103HG3 TI-DRV103HG3 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
More results

Similar Description - DRV103HG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103UG4 TI-DRV103UG4 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
logo
Toshiba Semiconductor
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV110A-Q1 TI1-DRV110A-Q1 Datasheet
831Kb / 21P
[Old version datasheet]   120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves
logo
Toshiba Semiconductor
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
   LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com