Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV103UG4 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV103UG4
Description  PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV103UG4 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DRV103UG4 Datasheet HTML 7Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 8Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 9Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 10Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 11Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 12Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 13Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 14Page - Burr-Brown (TI) DRV103UG4 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DRV103
11
SBVS029A
PACKAGE MOUNTING
Figure 12 provides recommended PCB layouts for both the
SO-8 (U) and the PowerPAD™ SO-8 (H) packages. Al-
though the metal pad of the PowerPAD™ SO-8 (H) package
is electrically connected to ground (pin 4), no current should
flow in this pad. Do NOT use the exposed metal pad as a
power ground connection or erratic operation will result. For
lowest overall thermal resistance, it is best to solder the
PowerPAD™ directly to a circuit board, as illustrated in
Figure 13. Increasing the “heat sink” copper area improves
heat dissipation. Figure 14 shows typical junction-to-ambi-
ent thermal resistance as a function of the PC board copper
area.
POWER DISSIPATION
DRV103 power dissipation depends on power supply, signal,
and load conditions. Power dissipation (PD) is equal to the
product of output current times the voltage across the conduct-
ing DMOS transistor times the duty cycle. Using the lowest
possible duty cycle necessary to assure the required hold force
can minimize power dissipation in both the load and in the
DRV103. For low current, the output DMOS transistor on-
resistance is 0.5
Ω, increasing to 0.6Ω at high output current.
At very high oscillator frequencies, the energy in the DRV103’s
linear rise and fall times can become significant and cause an
increase in PD.
Application Bulletin SBFA002 at www.ti.com, explains how to
calculate or measure power dissipation with unusual signals
and loads.
THERMAL PROTECTION
Power dissipated in the DRV103 will cause its internal junction
temperature to rise. The DRV103 has an on-chip thermal
shutdown circuitry that protects the IC from damage. The
thermal protection circuitry disables the output when the junc-
tion temperature reaches approximately +160
°C, allowing the
device to cool. When the junction temperature cools to approxi-
mately +140
°C, the output circuitry is again enabled. Depend-
ing on load and signal conditions, the thermal protection circuit
may cycle on and off. This limits the dissipation of the driver
but may have an undesirable effect on the load.
Any tendency to activate the thermal protection circuit indi-
cates excessive power dissipation or an inadequate heat sink.
For reliable operation, junction temperature should be limited
to +125
°C, maximum. To estimate the margin of safety in a
complete design (including heat sink), increase the ambient
temperature until the thermal protection is triggered. Use
worst-case load and signal conditions. For good reliability,
thermal protection should trigger more than 40
°C above the
maximum expected ambient condition of your application.
This produces a junction temperature of 125
°C at the maxi-
mum expected ambient condition.
THERMAL RESISTANCE vs
CIRCUIT BOARD COPPER AREA
80
70
60
50
40
30
012345
Copper Area (inches2)
DRV103 (H)
Power PAD
Surface-Mount Package
1oz. copper
FIGURE 12. Recommended PCB Layout.
FIGURE 13. PowerPAD Heat Transfer.
FIGURE 14. Heat Sink Thermal Resistance vs Circuit Board
Copper Area.
150 (ref)
C - C
215 (ref)
95 x 95
DRV103(H)
Package
60 (ref)
50 nom
18
22
273
277
153
158
Copper Traces
Signal Trace
Copper Pad
Thermal Vias
DRV103 Die
Pad-to-Board
Solder


Similar Part No. - DRV103UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103UG4 TI-DRV103UG4 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
More results

Similar Description - DRV103UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103UG4 TI-DRV103UG4 Datasheet
1Mb / 24P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A)
logo
Toshiba Semiconductor
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV110A-Q1 TI1-DRV110A-Q1 Datasheet
831Kb / 21P
[Old version datasheet]   120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves
logo
Toshiba Semiconductor
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
   LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com