Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV001BB-70EEB Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV001BB-70EEB
Description  1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV001BB-70EEB Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV001BB-70EEB Datasheet HTML 5Page - Advanced Micro Devices AM29LV001BB-70EEB Datasheet HTML 6Page - Advanced Micro Devices AM29LV001BB-70EEB Datasheet HTML 7Page - Advanced Micro Devices AM29LV001BB-70EEB Datasheet HTML 8Page - Advanced Micro Devices AM29LV001BB-70EEB Datasheet HTML 9Page - Advanced Micro Devices AM29LV001BB-70EEB Datasheet HTML 10Page - Advanced Micro Devices AM29LV001BB-70EEB Datasheet HTML 11Page - Advanced Micro Devices AM29LV001BB-70EEB Datasheet HTML 12Page - Advanced Micro Devices AM29LV001BB-70EEB Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
Am29LV001B
PREL I M I N AR Y
Table 2.
Am29LV001B Top Boot Sector Architecture
Table 3.
Am29LV001B Bottom Boot Sector Architecture
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0
0
0
X
X
16 Kbytes
00000h–03FFFh
SA1
0
0
1
X
X
16 Kbytes
04000h–07FFFh
SA2
0
1
0
X
X
16 Kbytes
08000h–0BFFFh
SA3
0
1
1
X
X
16 Kbytes
0C000h–0FFFFh
SA4
1
0
0
X
X
16 Kbytes
10000h–13FFFh
SA5
1
0
1
X
X
16 Kbytes
14000h–17FFFh
SA6
1
1
0
X
X
16 Kbytes
18000h–1BFFFh
SA7
1
1
1
0
0
4 Kbytes
1C000h–1CFFFh
SA8
1
1
1
0
1
4 Kbytes
1D000h–1DFFFh
SA9
1
1
1
1
X
8 Kbytes
1E000h–1FFFFh
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes)
Address Range (in
hexadecimal)
SA0
0
0
0
0
X
8 Kbytes
00000h–01FFFh
SA1
0
0
0
1
0
4 Kbytes
02000h–02FFFh
SA2
0
0
0
1
1
4 Kbytes
03000h–03FFFh
SA3
0
0
1
X
X
16 Kbytes
04000h–07FFFh
SA4
0
1
0
X
X
16 Kbytes
08000h–0BFFFh
SA5
0
1
1
X
X
16 Kbytes
0C000h–0FFFFh
SA6
1
0
0
X
X
16 Kbytes
10000h–13FFFh
SA7
1
0
1
X
X
16 Kbytes
14000h–17FFFh
SA8
1
1
0
X
X
16 Kbytes
18000h–1BFFFh
SA9
1
1
1
X
X
16 Kbytes
1C000h–1FFFFh


Similar Part No. - AM29LV001BB-70EEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV001BB-70EE AMD-AM29LV001BB-70EE Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV001BB-70EEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com