Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8810BEGT Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8810BEGT
Description  600mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8810BEGT Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8810BEGT Datasheet HTML 3Page - Analog Microelectronics AME8810BEGT Datasheet HTML 4Page - Analog Microelectronics AME8810BEGT Datasheet HTML 5Page - Analog Microelectronics AME8810BEGT Datasheet HTML 6Page - Analog Microelectronics AME8810BEGT Datasheet HTML 7Page - Analog Microelectronics AME8810BEGT Datasheet HTML 8Page - Analog Microelectronics AME8810BEGT Datasheet HTML 9Page - Analog Microelectronics AME8810BEGT Datasheet HTML 10Page - Analog Microelectronics AME8810BEGT Datasheet HTML 11Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AME, Inc.
11
AME8805 / 8810
600mA CMOS LDO
n Package Dimension
SOT-223
SOT-89
MIN
MAX
MIN
MAX
A
1.39
1.60
0.05472 0.06299
A1
C
0.35
0.44
0.01378 0.01732
D
4.39
4.60
0.17283
0.1811
D1
1.35
1.83
0.05315 0.07205
E
2.28
3.60
0.08976 0.14173
e
H
S1
0.8REF
0.0315REF
SYMBOLS
MILLIMETERS
INCHES
3.00REF
0.70REF
1.50REF
0.1181REF
0.0276REF
0.0590REF
A
Top View
Side View
Front View
D
D1
e
C
POLISH
POLISH
MATTE FINISH
S1
C
13o(4X)
Top View
Side View
£
c
D
B1
H
E
e
A1
B
13o(4X)
Front View
F
MIN
MAX
MIN
MAX
A1
0.02
0.10
0.0008
0.0039
B
0.60
0.84
0.0236
0.0330
B1
2.90
3.15
0.1140
0.1240
C
0.24
0.38
0.0094
0.0150
D
6.30
6.71
0.2480
0.2640
E
3.30
3.71
0.1299
0.1460
e
F
1.40
1.80
0.0560
0.0702
H
6.70
7.30
0.2638
0.2874
è
0
o
10
o
0
o
10
o
2.30 BSC
0.0906 BSC
MILLIMETERS
INCHES
SYMBOLS


Similar Part No. - AME8810BEGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8810BEGT AME-AME8810BEGT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8810BEGTZ AME-AME8810BEGTZ Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8810BEGTZ AME-AME8810BEGTZ Datasheet
134Kb / 12P
   600mA CMOS LDO
More results

Similar Description - AME8810BEGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com