Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

310-021008-001 Datasheet(PDF) 1 Page - API Technologies Corp

Part No. 310-021008-001
Description  SP3T SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

310-021008-001 Datasheet(HTML) 1 Page - API Technologies Corp

  310-021008-001 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev.
5/4/10
Available as: 1.90” x 1.00” x 0.40” Field Removable
SMA Connectorized Housing
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -40 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................. -55ºC to +100 ºC
Storage Temperature .................................. -65ºC to +125 ºC
Operating Case Temperature ................................... +125 ºC
DC Voltage .................................................. +5.5 / -15 Volts
Continuous RF Input Power ................................... +30 dBm
Frequency Range
1 - 18 GHz
1 - 18 GHz
Switching Speed
(50%TTLto90%RF)(nsec)
100
-
Insertion Loss (dB)
1 - 8 GHz
1.5
2.0 Max.
8 - 16 GHz
2.0
2.5 Max.
16 - 18 GHz
2.5
3.0 Max.
Typical Performance Data
Input
1 dB Compression (dBm)
-
+27 Min.
1 - 8 GHz
95
85 Min.
8 - 16 GHz
80
70 Min.
16 - 18 GHz
70
65 Min.
VSWR:
Input
1.7:1
2.0:1 Max.
Output “ON”
1.7:1
2.0:1 Max.
SP3T SWITCH
MODEL 310-021008-001
Features
Reflective High Isolation SP3T Switch
Wide Bandwidth: 1 to 18 GHz
Isolation 70 dB at 18 GHz
Fast Switching Speed: 100 ns Typical
Integral TTL Driver
OperatingTemp.: -40 ºC to + 85 ºC
Environmental ScreeningAvailable
Intercept Points (dBm)
2nd Order IP (Input)
-
+40 Min.
3rd Order IP (Input)
-
+37 Min.
Isolation RF
Isolation RF
to / from Control (dB)
-
60 Min.
to / from DC (dB)
-
60 Min.
RF Leakage (dB)
80
-
DC
(Vdc)
+5 / -12
+5 / -12
Bias
(mA)
+100 / -40
+150 / -40
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, PA 19154 · (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Isolation (dB)


Similar Part No. - 310-021008-001

ManufacturerPart No.DatasheetDescription
Spectrum Microwave, Inc.
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
   SP3T SWITCH
More results

Similar Description - 310-021008-001

ManufacturerPart No.DatasheetDescription
RF Micro Devices
RF Micro Devices
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
   SP3T Switch
American Accurate Components, Inc.
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
   SP3T Switch
Spectrum Microwave, Inc.
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
   SP3T SWITCH
RF Micro Devices
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
   SP3T Switch
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
   Symmetric SP3T Switch
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
Spectrum Microwave, Inc.
Spectrum Microwave, Inc...
TWP2248 SPECTRUM-TWP2248 Datasheet
52Kb / 1P
   SP3T RF SWITCH
TriQuint Semiconductor
TriQuint Semiconductor
TGS2303 TRIQUINT-TGS2303_15 Datasheet
573Kb / 3P
   SP3T PIN Switch
RF Micro Devices
RF Micro Devices
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
   Symmetric SP3T Switch
TriQuint Semiconductor
TriQuint Semiconductor
TGS2303-EEU TRIQUINT-TGS2303-EEU Datasheet
199Kb / 3P
   SP3T PIN Switch
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com