Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8808LECS Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8808LECS
Description  750mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808LECS Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8808LECS Datasheet HTML 3Page - Analog Microelectronics AME8808LECS Datasheet HTML 4Page - Analog Microelectronics AME8808LECS Datasheet HTML 5Page - Analog Microelectronics AME8808LECS Datasheet HTML 6Page - Analog Microelectronics AME8808LECS Datasheet HTML 7Page - Analog Microelectronics AME8808LECS Datasheet HTML 8Page - Analog Microelectronics AME8808LECS Datasheet HTML 9Page - Analog Microelectronics AME8808LECS Datasheet HTML 10Page - Analog Microelectronics AME8808LECS Datasheet HTML 11Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Analog Microelectronics, Inc.
7
AME8808
750mA CMOS LDO
Load Step ( 1mA-600mA)
TIME ( 20mS/DIV)
I
Load
Output
C
L =2.2 µF
CIN=2.2
µF
0
0
0.05
0.1
0.15
0.2
0.25
0.3
22.5
33.5
44.5
55.5
I
LOAD =600mA
Drop Out Voltage vs. Output Voltage
Output Voltage (V)
0
5
10
15
20
25
30
35
40
45
01234
5678
Ground Current vs. Input Voltage
Input Voltage (V)
85O C
25O C
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+01
1.0E+03
1.0E+05
1.0E+07
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
100
µA
100mA
100
µA
C
L=2.2 µF Tantalum
C
BYP =0
Safe Operating Area
Input-Output Voltage Differential (V)
SOT-223
DPAK-2
75OC rise
With HS capable of twice
θ
jc
Line Transient Response
C
LOAD =2.2 µF
I
LOAD =1mA
V
OUTDC =3.3V
V
INDC =4.5V
TIME (200mS/DIV)


Similar Part No. - AME8808LECS

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808LECSZ AME-AME8808LECSZ Datasheet
230Kb / 13P
   750mA CMOS LDO
More results

Similar Description - AME8808LECS

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com