Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX232 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX232
Description  DUAL ELA-232 DRIBERS/RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232 Datasheet(HTML) 1 Page - Texas Instruments

  MAX232 Datasheet HTML 1Page - Texas Instruments MAX232 Datasheet HTML 2Page - Texas Instruments MAX232 Datasheet HTML 3Page - Texas Instruments MAX232 Datasheet HTML 4Page - Texas Instruments MAX232 Datasheet HTML 5Page - Texas Instruments MAX232 Datasheet HTML 6Page - Texas Instruments MAX232 Datasheet HTML 7Page - Texas Instruments MAX232 Datasheet HTML 8Page - Texas Instruments MAX232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MAX232, MAX232I
DUAL EIA232 DRIVERS/RECEIVERS
SLLS047L − FEBRUARY 1989 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds TIA/EIA-232-F and ITU
Recommendation V.28
D Operates From a Single 5-V Power Supply
With 1.0-
mF Charge-Pump Capacitors
D Operates Up To 120 kbit/s
D Two Drivers and Two Receivers
D ±30-V Input Levels
D Low Supply Current ...8 mA Typical
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
D Upgrade With Improved ESD (15-kV HBM)
and 0.1-
mF Charge-Pump Capacitors is
Available With the MAX202
D Applications
− TIA/EIA-232-F, Battery-Powered Systems,
Terminals, Modems, and Computers
description/ordering information
The MAX232 is a dual driver/receiver that includes a capacitive voltage generator to supply TIA/EIA-232-F
voltage levels from a single 5-V supply. Each receiver converts TIA/EIA-232-F inputs to 5-V TTL/CMOS levels.
These receivers have a typical threshold of 1.3 V, a typical hysteresis of 0.5 V, and can accept
±30-V inputs.
Each driver converts TTL/CMOS input levels into TIA/EIA-232-F levels. The driver, receiver, and
voltage-generator functions are available as cells in the Texas Instruments LinASIC
 library.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
MAX232N
MAX232N
SOIC (D)
Tube of 40
MAX232D
MAX232
0
°C to 70°C
SOIC (D)
Reel of 2500
MAX232DR
MAX232
0
°C to 70°C
SOIC (DW)
Tube of 40
MAX232DW
MAX232
SOIC (DW)
Reel of 2000
MAX232DWR
MAX232
SOP (NS)
Reel of 2000
MAX232NSR
MAX232
PDIP (N)
Tube of 25
MAX232IN
MAX232IN
SOIC (D)
Tube of 40
MAX232ID
MAX232I
−40
°C to 85°C
SOIC (D)
Reel of 2500
MAX232IDR
MAX232I
−40 C to 85 C
SOIC (DW)
Tube of 40
MAX232IDW
MAX232I
SOIC (DW)
Reel of 2000
MAX232IDWR
MAX232I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinASIC is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
VS+
C1−
C2+
C2−
VS−
T2OUT
R2IN
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
MAX232 . . . D, DW, N, OR NS PACKAGE
MAX232I . . . D, DW, OR N PACKAGE
(TOP VIEW)


Similar Part No. - MAX232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
More results

Similar Description - MAX232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
412Kb / 14P
[Old version datasheet]   DUAL ELA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
Motorola, Inc
MC34050 MOTOROLA-MC34050 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
logo
Texas Instruments
TPS2811 TI1-TPS2811_13 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM202 AD-ADM202_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com