Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527XT290-0107-A Datasheet(PDF) 1 Page - Cree, Inc

Part # C527XT290-0107-A
Description  XThin LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527XT290-0107-A Datasheet(HTML) 1 Page - Cree, Inc

  C527XT290-0107-A Datasheet HTML 1Page - Cree, Inc C527XT290-0107-A Datasheet HTML 2Page - Cree, Inc C527XT290-0107-A Datasheet HTML 3Page - Cree, Inc C527XT290-0107-A Datasheet HTML 4Page - Cree, Inc C527XT290-0107-A Datasheet HTML 5Page - Cree, Inc C527XT290-0107-A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

Subject to change without notice.
www.cree.com
FEATURES
XThin LED Performance
460 & 470 nm
XT-12™ – 12.0 mW min.
XT-16™ – 16.0 mW min.
XT-18™ – 18.0 mW min.
XT-21™ – 21.0 mW min.
XT-24™ – 24.0 mW min.
505nm – 8.5 mW min.
527nm – 7.0 mW min.
Thin 115 µm Chip
Low Forward Voltage - 3.2 Typical at 20 mA
Single Wire Bond Structure
Class 2 ESD Rating
APPLICATIONS
Cellular Phone LCD Backlighting
Digital Camera Flash for Mobile Appliance
Mobile Phone Key Pads
White LEDs
Blue LEDs
Green LEDs
Automotive Dashboard Lighting
LED Video Displays
Audio Product Display Lighting
Traffic Signals
XThin® LEDs
CxxxXT290-Sxx00-A
Cree’s XThin LEDs are the next generation of solid-state LED emitters that combine highly efficient InGaN materials
with Cree’s proprietary G•SiC® substrate to deliver superior price/performance for high-intensity LEDs. These LED
chips have a geometrically enhanced Epi-down design to maximize light extraction efficiency and require only a
single wire bond connection. These vertically structured LED chips are approximately 115 microns in height and
require a low forward voltage. Cree’s XT™ chips are tested for conformity to optical and electrical specifications and
the ability to withstand 1000V ESD. Applications for XThin LEDs include next-generation mobile appliances for use
in their LCD backlights and digital camera flash where brightness, sub-miniaturization, and low power consumption
are required.
CxxxXT290-Sxx00-A Chip Diagram
Top View
Bottom View
Die Cross Section
G•SiC LED Chip
300 x 300 μm
Gold Bond Pad
105 μm Diameter
SiC Substrate
t = 115µm
Backside
Metalization
Cathode (-)
Anode (+)


Similar Part No. - C527XT290-0107-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527XT290-S0100-A CREE-C527XT290-S0100-A Datasheet
256Kb / 6P
   XThin짰 LEDs
C527XT290-S0100-A CREE-C527XT290-S0100-A Datasheet
258Kb / 6P
   XThin짰 LEDs
C527XT290-S0100-A CREE-C527XT290-S0100-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
More results

Similar Description - C527XT290-0107-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
UT230-80 MARKTECH-UT230-80 Datasheet
269Kb / 4P
   LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com