Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8800HEEV Datasheet(PDF) 15 Page - Analog Microelectronics

Part No. AME8800HEEV
Description  300mA CMOS LDO
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8800HEEV Datasheet(HTML) 15 Page - Analog Microelectronics

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AME, Inc.
15
AME8800 / 8811
300mA CMOS LDO
C
L = 2.2µF
NO FILTER
Transient Line Response
TIME (2mS/DIV)
C
L = 2.2µF
V
IN DC = 5.0V
Current Limit Response
TIME (2mS/DIV)
R
LOAD =3.3 Ω
0
0
Overtemperature Shutdown
TIME (0.5Sec/DIV)
R
LOAD =6.6 Ω
0
0
Noise Measurement
TIME (20mS/DIV)
Safe Operating Area
Input-Output Voltage Differential (V)
SOT-223
DPAK-2
75OC rise
With HS capable of twice
θ
jc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM2730300mA DUAL LOW NOISE CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SP6203Low Noise 300mA and 500mA CMOS LDO Regulators 1 2 3 4 5 MoreSipex Corporation
GS2911300mA CMOS Positive LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2852300mA CMOS LDO WITH EN & PG 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC1173300mA CMOS LDO with Shutdown ERROR Output and Bypass 1 2 3 4 5 MoreTelCom Semiconductor, Inc
CM2830300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2838300mA LOW ESR CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analogic Technologies
CM2835300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AME8824300mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn