Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8800HEEV Datasheet(PDF) 14 Page - Analog Microelectronics

Part No. AME8800HEEV
Description  300mA CMOS LDO
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8800HEEV Datasheet(HTML) 14 Page - Analog Microelectronics

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AME, Inc.
14
300mA CMOS LDO
AME8800 / 8811
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0E+01
1.0E+03
1.0E+05
1.0E+07
Power Supply Rejection Ratio
Frequency (Hz)
100mA
10mA
1mA
100
µA
100mA
100
µA
C
L =2.2 µF Tantalum
C
BYP =0
0
5
10
15
20
25
30
35
40
45
01234
5678
Ground Current vs. Input Voltage
Input Voltage (V)
85O C
25O C
Load Step ( 1mA-300mA)
TIME( 20mS/DIV)
C
L =2.2 µF
C
IN =2.2 µF
Output
I
Load
0
0
50
100
150
200
250
300
2.5
2.75
3
3.25
3.5
3.75
4
Drop Out Voltage vs Output Voltage
Output Voltage (V)
I
LOAD =300mA
I
LOAD =200mA
I
LOAD =100mA
0
50
100
150
200
250
0
50
100
150
200
250
300
Drop Out Voltage vs Load Current
Load Current (mA)
Top to bottom
V
OUT =2.5V
V
OUT =2.8V
V
OUT =3.0V
V
OUT =3.3V
V
OUT =3.5V
V
OUT =3.8V
Short Circuit Response
TIME (2mS/DIV)
R
LOAD =100 Ω
R
SHORT =0.1 Ω
0
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM2730300mA DUAL LOW NOISE CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SP6203Low Noise 300mA and 500mA CMOS LDO Regulators 1 2 3 4 5 MoreSipex Corporation
GS2911300mA CMOS Positive LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2852300mA CMOS LDO WITH EN & PG 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC1173300mA CMOS LDO with Shutdown ERROR Output and Bypass 1 2 3 4 5 MoreTelCom Semiconductor, Inc
CM2830300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2838300mA LOW ESR CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analogic Technologies
CM2835300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AME8824300mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn