Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8800HEEV Datasheet(PDF) 13 Page - Analog Microelectronics

Part No. AME8800HEEV
Description  300mA CMOS LDO
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8800HEEV Datasheet(HTML) 13 Page - Analog Microelectronics

Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AME, Inc.
13
AME8800 / 8811
300mA CMOS LDO
n
n
n
n
n Detailed Description
The AME8800/8811 family of CMOS regulators con-
tain a PMOS pass transistor, voltage reference, error
amplifier, over-current protection, and thermal shut-
down.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error am-
plifier compares the output voltage to a precision refer-
ence. Over-current and Thermal shutdown circuits be-
come active when the junction temperature exceeds
150oC, or the current exceeds 300mA. During thermal
shutdown, the output voltage remains low. Normal op-
eration is restored when the junction temperature drops
below 120oC.
The AME8800/8811 switches from voltage mode to cur-
rent mode when the load exceeds the rated output cur-
rent. This prevents over-stress. The AME8800/8811
also incorporates current foldback to reduce power dis-
sipation when the output is short circuited. This feature
becomes active when the output drops below 0.8 volts,
and reduces the current flow by 65%. Full current is
restored when the voltage exceeds 0.8 volts.
n
n
n
n
n External Capacitors
The AME8800/8811 is stable with an output capacitor
to ground of 2.2
µF or greater. Ceramic capacitors have
the lowest ESR, and will offer the best AC performance.
Conversely, Aluminum Electrolytic capacitors exhibit
the highest ESR, resulting in the poorest AC response.
Unfortunately, large value ceramic capacitors are com-
paratively expensive. One option is to parallel a 0.1uF
ceramic capacitor with a 10uF Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low over-
all cost.
A second capacitor is recommended between the input
and ground to stabilize VIN. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable.
This can be achieved with a "Star" connection.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM2730300mA DUAL LOW NOISE CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SP6203Low Noise 300mA and 500mA CMOS LDO Regulators 1 2 3 4 5 MoreSipex Corporation
GS2911300mA CMOS Positive LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2852300mA CMOS LDO WITH EN & PG 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC1173300mA CMOS LDO with Shutdown ERROR Output and Bypass 1 2 3 4 5 MoreTelCom Semiconductor, Inc
CM2830300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2838300mA LOW ESR CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analogic Technologies
CM2835300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AME8824300mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn