Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8800HEEV Datasheet(PDF) 12 Page - Analog Microelectronics

Part No. AME8800HEEV
Description  300mA CMOS LDO
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8800HEEV Datasheet(HTML) 12 Page - Analog Microelectronics

Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AME, Inc.
12
300mA CMOS LDO
AME8800 / 8811
n
n
n
n
n Electrical Specifications
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.4V<VO(NOM)<=2.0V
1300
Dropout Voltage
VDROPOUT
2.0V<VO(NOM)<=2.8V
400
2.8V<VO(NOM)
300
Output Current
IO
300
mA
Current Limit
ILIM
300
450
mA
Short Circuit Current
ISC
150
300
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
VO < 2.0V
-0.15
0.15
2.0V<=VO < 4.0V
-0.1
0.02
0.1
4.0V <= Vo
-0.4
0.2
0.4
Load Regulation
REGLOAD
-1
0.2
1
%
Over Temerature Shutdown
OTS
150
o
C
Over Temerature Hysterisis
OTH
30
o
C
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
50
PSRR
f=10kHz
20
dB
f=100kHz
15
Note1:VIN(min)=VOUT+VDROPOUT
TA = 25
o C unless otherwise noted
IO=300mA
VO=VONOM -2.0%
See
chart
VO>1.2V
IO=1mA
Test Condition
mV
Power Supply Rejection
IO=100mA
CO=2.2
µF
VO>1.2V
IO=0mA
IO=1mA to 300mA
Line Regulation
REGLINE
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA
30
%
µVrms
VO<0.8V
IO=1mA to 300mA
IO=1mA
VIN=VO+1 to
VO+2
Co=2.2
µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM2730300mA DUAL LOW NOISE CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SP6203Low Noise 300mA and 500mA CMOS LDO Regulators 1 2 3 4 5 MoreSipex Corporation
GS2911300mA CMOS Positive LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2852300mA CMOS LDO WITH EN & PG 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC1173300mA CMOS LDO with Shutdown ERROR Output and Bypass 1 2 3 4 5 MoreTelCom Semiconductor, Inc
CM2830300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2838300mA LOW ESR CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analogic Technologies
CM2835300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AME8824300mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn