Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8800HEEV Datasheet(PDF) 9 Page - Analog Microelectronics

Part No. AME8800HEEV
Description  300mA CMOS LDO
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8800HEEV Datasheet(HTML) 9 Page - Analog Microelectronics

Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AME, Inc.
9
AME8800 / 8811
300mA CMOS LDO
n
n
n
n
n Ordering Information
Please consult AME sales office or authorized Rep./Distributor for other output voltage and package typeavailability.
Part Number
Marking
Output Package Operating Temp.
AME8811AEFT
A8811
AEFww
3.3V
SOT-89
-40
OC to +85OC
AME8811BEFT
A8811
BEFww
3.0V
SOT-89
-40
OC to +85OC
AME8811CEFT
A8811
CEFww
2.8V
SOT-89
-40
OC to +85OC
AME8811DEFT
A8811
DEFww
2.5V
SOT-89
-40
OC to +85OC
AME8811EEFT
A8811
EEFww
3.8V
SOT-89
-40
OC to +85OC
AME8811FEFT
A8811
FEFww
3.6V
SOT-89
-40
OC to +85OC
AME8811GEFT
A8811
GEFww
3.5V
SOT-89
-40
OC to +85OC
AME8811HEFT
A8811
HEFww
2.7V
SOT-89
-40
OC to +85OC
AME8811IEFT
A8811
IEFww
3.4V
SOT-89
-40
OC to +85OC
AME8811JEFT
A8811
JEFww
2.85V
SOT-89
-40
OC to +85OC
AME8811KEFT
A8811
KEFww
3.7V
SOT-89
-40
OC to +85OC
AME8811LEFT
A8811
LEFww
1.5V
SOT-89
-40
OC to +85OC
AME8811MEFT
A8811
MEFww
1.8V
SOT-89
-40
OC to +85OC
AME8811NEFT
A8811
NEFww
2.9V
SOT-89
-40
OC to +85OC
AME8811OEFT
A8811
OEFww
3.1V
SOT-89
-40
OC to +85OC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM2730300mA DUAL LOW NOISE CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SP6203Low Noise 300mA and 500mA CMOS LDO Regulators 1 2 3 4 5 MoreSipex Corporation
GS2911300mA CMOS Positive LDO Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2852300mA CMOS LDO WITH EN & PG 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC1173300mA CMOS LDO with Shutdown ERROR Output and Bypass 1 2 3 4 5 MoreTelCom Semiconductor, Inc
CM2830300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2838300mA LOW ESR CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analogic Technologies
CM2835300mA CMOS LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AME8824300mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn