Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6717MTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6717MTRPBF
Description  RoHs Compliant and Halgen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6717MTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6717MTRPBF Datasheet HTML 1Page - International Rectifier IRF6717MTRPBF Datasheet HTML 2Page - International Rectifier IRF6717MTRPBF Datasheet HTML 3Page - International Rectifier IRF6717MTRPBF Datasheet HTML 4Page - International Rectifier IRF6717MTRPBF Datasheet HTML 5Page - International Rectifier IRF6717MTRPBF Datasheet HTML 6Page - International Rectifier IRF6717MTRPBF Datasheet HTML 7Page - International Rectifier IRF6717MTRPBF Datasheet HTML 8Page - International Rectifier IRF6717MTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6717MPbF
2
www.irf.com
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
18
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.95
1.25
m
–––
1.6
2.1
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.7
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
140
–––
–––
S
Qg
Total Gate Charge
–––
46
69
Qgs1
Pre-Vth Gate-to-Source Charge
–––
14
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
6.6
–––
nC
Qgd
Gate-to-Drain Charge
–––
14
–––
Qgodr
Gate Charge Overdrive
–––
11
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
20.6
–––
Qoss
Output Charge
–––
35
–––
nC
RG
Gate Resistance
–––
1.3
2.2
td(on)
Turn-On Delay Time
–––
25
–––
tr
Rise Time
–––
37
–––
td(off)
Turn-Off Delay Time
–––
19
–––
ns
tf
Fall Time
–––
15
–––
Ciss
Input Capacitance
–––
6750
–––
Coss
Output Capacitance
–––
1700
–––
pF
Crss
Reverse Transfer Capacitance
–––
730
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
120
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
300
(Body Diode)Ãg
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
27
41
ns
Qrr
Reverse Recovery Charge
–––
31
47
nC
di/dt = 175A/µs i
TJ = 25°C, IS = 30A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 30A i
VDS = VGS, ID = 150µA
TJ = 25°C, IF =30A
VGS = 4.5V
ID = 30A
VGS = 0V
VDS = 13V
ID = 30A
VDD = 13V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 38A i
VGS = 20V
VGS = -20V
VDS = 20V, VGS = 0V
VDS = 13V
VDS = 20V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG= 1.8Ω
VDS = 13V, ID =30A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


Similar Part No. - IRF6717MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
223Kb / 9P
   RoHs Compliant and Halgen Free
More results

Similar Description - IRF6717MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6717MPBF IRF-IRF6717MPBF_15 Datasheet
223Kb / 9P
   RoHs Compliant and Halgen Free
logo
COSMO Electronics Corp...
KT1410 COSMO-KT1410 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP161L COSMO-KTLP161L Datasheet
129Kb / 6P
   Pb free and RoHS compliant
KTLP166J COSMO-KTLP166J_13 Datasheet
130Kb / 6P
   Pb free and RoHS compliant
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
COSMO Electronics Corp...
KT1310 COSMO-KT1310 Datasheet
202Kb / 8P
   Pb free and RoHS compliant
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com