Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C505RT290-S0200 Datasheet(PDF) 1 Page - Marktech Corporate

Part # C505RT290-S0200
Description  RazerThin LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C505RT290-S0200 Datasheet(HTML) 1 Page - Marktech Corporate

  C505RT290-S0200 Datasheet HTML 1Page - Marktech Corporate C505RT290-S0200 Datasheet HTML 2Page - Marktech Corporate C505RT290-S0200 Datasheet HTML 3Page - Marktech Corporate C505RT290-S0200 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Subject to change without notice.
www.cree.com
FEATURES
Thin 95 μm Chip
Reduced Forward Voltage
3.2 V Typical at 20 mA
RazerThin LED Performance
460nm - 3.8-11.1 mW
470nm - 3.4-10.4 mW
505nm - 2.0-6.5 mW
527nm - 1.7-6.0 mW
Single Wire Bond Structure
Class 2 ESD Rating
APPLICATIONS
Mobile Phone Key Pads
White LEDs
Blue LEDs
Green LEDs
Cellular Phone LCD Backlighting
Digital Camera Flash For Mobile Appliances
Automotive Dashboard Lighting
LED Video Displays
Audio Product Display Lighting
RazerThin® LEDs
CxxxRT290-S0200
Cree’s RazerThin LEDs are a new generation of solid-state LED emitters that combine highly efficient InGaN materials
with Cree’s proprietary G•SiC® substrate to deliver superior price/performance for high-intensity blue and green
LEDs. These vertically structured LED chips are approximately 95 microns in height and require a low forward
voltage. Cree’s RazerThin series chips have the ability to withstand 1000V ESD. Applications for RazerThin LEDs
include next-generation keypad backlighting where sub-miniaturization and thinner form factors are required.
CxxxRT290-S0200 Chip Diagram
Top View
Bottom View
G•SiC LED Chip
270 x 270 μm
SiC Substrate
h = 95 μm
Backside
Metallization
Gold Bond Pad
110 μm Diameter
Die Cross Section
Cathode (-)
Anode (+)
Mesa (junction)
246 x 246 μm
InGaN


Similar Part No. - C505RT290-S0200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C505RT290-S0200 CREE-C505RT290-S0200 Datasheet
203Kb / 4P
   RazerThin짰 LEDs
C505RT290-S0200 CREE-C505RT290-S0200 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
More results

Similar Description - C505RT290-S0200

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460RT230-0203 MARKTECH-C460RT230-0203 Datasheet
264Kb / 4P
   RazerThin LEDs
RT230-20 MARKTECH-RT230-20 Datasheet
264Kb / 4P
   RazerThin LEDs
C460RT230-0103 MARKTECH-C460RT230-0103 Datasheet
257Kb / 4P
   RazerThin LEDs
RT230-5 MARKTECH-RT230-5 Datasheet
257Kb / 4P
   RazerThin LEDs
C460RT290-0105 MARKTECH-C460RT290-0105 Datasheet
229Kb / 4P
   RazerThin LEDs
C460RT200-0309 MARKTECH-C460RT200-0309 Datasheet
376Kb / 6P
   RazerThin Gen III LEDs
C460RT260-0313 MARKTECH-C460RT260-0313 Datasheet
387Kb / 6P
   RazerThin Gen III LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com