Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460XT290-0118-A Datasheet(PDF) 6 Page - Cree, Inc

Part # C460XT290-0118-A
Description  XThin LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460XT290-0118-A Datasheet(HTML) 6 Page - Cree, Inc

  C460XT290-0118-A Datasheet HTML 1Page - Cree, Inc C460XT290-0118-A Datasheet HTML 2Page - Cree, Inc C460XT290-0118-A Datasheet HTML 3Page - Cree, Inc C460XT290-0118-A Datasheet HTML 4Page - Cree, Inc C460XT290-0118-A Datasheet HTML 5Page - Cree, Inc C460XT290-0118-A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Copyright © 2003-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC, XThin and XBright are registered trademarks, and XT, XT-12, XT-16, XT-18, XT-21 and XT-24 are trademarks
of Cree, Inc.
6
CPR3BV Rev. H
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
These are representative measurements for the XThin product. Actual curves will vary slightly for the various radiant
flux and dominant wavelength bins.
Forward Current vs. Forward Voltage
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vf (V)
Wavelength Shift vs Forward Current
-4.00
-2.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00
0
5
10
15
20
25
30
If (mA)
460nm
527nm
505nm
Relative Intensity vs Peak Wavelength
Wavelength (nm)
400
500
600
20
40
60
80
100
Relative Intensity vs Forward Current
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
If(mA)


Similar Part No. - C460XT290-0118-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460XT290-S1200-A CREE-C460XT290-S1200-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460XT290-S1600-A CREE-C460XT290-S1600-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460XT290-S1800-A CREE-C460XT290-S1800-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460XT290-S2100-A CREE-C460XT290-S2100-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
More results

Similar Description - C460XT290-0118-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
UT230-80 MARKTECH-UT230-80 Datasheet
269Kb / 4P
   LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com