Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PB1
Description  Potting Boxes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PB1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Potting Boxes
Page <1>
12/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Dimensions : Millimetres
Potting (with fixing lugs)
Features:
• Low cost grey potting box
• A range of 3 low cost potting boxes moulded in grey ABS for permanent
encapsulation of small electronic circuits. They can be easily punched or drilled
for individual requirements
• Fixing lugs are provided making them ideal for terminal covers
Specification Table:
Overall Dimensions
Nominal Wall
Thickness
Part Number
Width
(W)
Depth
(D)
Height
(H)
36
24
19
1
GPL05
50
30
24
1.5
GPL1
55
42
27
2
GPL2
Dimensions : Millimetres
Potting
Features:
• Low cost black potting box
• A range of 5 low cost potting boxes moulded in black ABS for permanent encapsulation
of small electronic circuits. They can be easily punched or drilled for individual
requirements
Specification Table:
Overall Dimensions
Nominal Wall
Thickness
Part Number
Width
(W)
Depth
(D)
Height
(H)
30
20
15
1
PB1
40
20
PB2
50
50
30
PB3
70
35
PB4
100
25
PB5
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - PB1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PB1-008-6 PF-PB1-008-6 Datasheet
239Kb / 2P
   Palm Button
PB1-010-9 PF-PB1-010-9 Datasheet
242Kb / 2P
   Palm Button
logo
Won-Top Electronics
PB1000 WTE-PB1000 Datasheet
32Kb / 3P
   10A BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1000 DIOTEC-PB1000 Datasheet
309Kb / 2P
   Silicon-Bridge Rectifiers
PB1000 DIOTEC-PB1000 Datasheet
289Kb / 2P
   Silicon-Bridge-Rectifiers
More results

Similar Description - PB1

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
PB-1560 BUD-PB-1560 Datasheet
126Kb / 2P
   POTTING BOXES
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
   BOXES
logo
Glenair, Inc.
M85049-75-08-1 GLENAIR-M85049-75-08-1 Datasheet
60Kb / 1P
   Potting Boot
logo
FERYSTER Inductive Comp...
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
   BOXES
logo
Glenair, Inc.
M85049-74-08-1 GLENAIR-M85049-74-08-1 Datasheet
83Kb / 1P
   Potting Boot
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
   Splitter boxes
2022-03-28
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
   Junction Boxes
MB1G ETC2-MB1G Datasheet
110Kb / 1P
   Multipurpose Boxes
BM11W ETC2-BM11W Datasheet
94Kb / 1P
   ABS Boxes
logo
Pepperl+Fuchs Inc.
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
   Splitter boxes
2022-03-28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com