Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE21XKY150JM01 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # DE21XKY150JM01
Description  Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE21XKY150JM01 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button DE21XKY150JM01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE21XKY150JM01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE21XKY150JM01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE21XKY150JM01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE21XKY150JM01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE21XKY150JM01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE21XKY150JM01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE21XKY150JM01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE21XKY150JM01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
8
3
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Type KX Small Size (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
ød
F
±1.0
(in mm)
D max.
e
T max.
Lead Code
Coating Extension e
A4
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Long (A4)
ød
F
±0.8
D max.
e
T max.
(in mm)
Lead Code
Coating Extension e
B4
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Short (B4)
s Features
1. We design capacitors in much more compact size than
current Type KX, having reduced the diameter
by 20% max.
2. Operating temperature range guaranteed up to 125
degrees (UL: 85 deg.).
3. Dielectric strength: AC4000V
4. Class X1/Y1 capacitors which are certified by
UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/
IMQ.
5. Possible to use with a component in appliance
requiring reinforced insulation and double
insulation based on UL1492, IEC60065 and IEC60950.
6. Coated with flame-retardant epoxy resin (conforming
to UL94V-0 standard).
7. Cost-saving automatic insertion available.
s Applications
1. Ideal for use as X/Y capacitors for AC line filter
and primary-secondary coupling on switching power
supplies and AC adapters.
2. Ideal for use on D-A isolation and noise absorption
for DAA modems without transformers.
Do not use these products in any Automotive
Power train or Safety equipment including Battery
charger for Electric Vehicles and Plug-in Hybrid.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as Power train and
Safety equipment.
*: Small sized Type KX differs from current Type KX
in electrical characteristics, such as the voltage
dependency, of capacitance temperature dependecy,
and Dielectric strength.
Therefore, before replacing current Type KX,
please make a performance check by equipment.
Please refer below too.
[Notice(Rating)
item 2. "Performance Check by Equipment".]
Safety Certified Ceramic Capacitors/High Voltage Ceramic Capacitors
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C85E.pdf
08.10.29


Similar Part No. - DE21XKY150JM01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE21XKY150JM01 MURATA-DE21XKY150JM01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE21XKY150JM01 MURATA-DE21XKY150JM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE21XKY150JM01F MURATA-DE21XKY150JM01F Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE21XKY150JM01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com