Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7342D13R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7342D13R2G
Description  High Speed Low Power CAN Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7342D13R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7342D13R2G Datasheet HTML 7Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 8Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 9Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 10Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 11Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 12Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 13Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 14Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCV7342
http://onsemi.com
11
Table 6. CHARACTERISTICS
VCC = 4.5 V to 5.5 V; VIO = 2.8V to 5.5 V (Note 8); TJ = −40 to +150°C; RLT = 60 W unless specified otherwise. On chip versions without
VIO pin reference voltage for all digital inputs and outputs is VCC instead of VIO.
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
VIO SUPPLY VOLTAGE (Pin VIO) Only for NCV7342−3 version
VUVDVIO
Undervoltage detection voltage on
VIO pin
1.3
2.7
V
THERMAL SHUTDOWN
TJ(SD)
Shutdown junction temperature
junction temperature rising
160
180
200
°C
TIMING CHARACTERISTICS (See Figure 7 and 8)
td(TxD−BUSon)
Delay TxD to bus active
Ci = 100 pF between CANH to
CANL
60
ns
td(TxD−BUSoff)
Delay TxD to bus inactive
Ci = 100 pF between CANH to
CANL
30
ns
td(BUSon−RxD)
Delay bus active to RxD
CRxD = 15 pF
60
ns
td(BUSoff−RxD)
Delay bus inactive to RxD
CRxD = 15 pF
70
ns
tpd_dr
Propagation delay TxD to RxD
dominant to recessive transition
Ci = 100 pF between CANH to
CANL, CRxD = 15 pF
50
100
230
ns
tpd_rd
Propagation delay TxD to RxD
recessive to dominant transition
Ci = 100 pF between CANH to
CANL, CRxD = 15 pF
50
120
230
ns
td(stb−nm)
Delay standby mode to normal
mode
47
ms
tWake
Dominant time for wake−up via
bus
0.5
5
ms
tdwakerd
Delay to flag wake event
(recessive to dominant transitions)
See Figure 5
Valid bus wake−up event,
CRxD = 15 pF
1
10
ms
tdwakedr
Delay to flag end of wake event
(dominant to recessive transition)
See Figure 5
Valid bus wake−up event,
CRxD = 15 pF
0.5
5
ms
tdom(TxD)
TxD dominant time for time out
VTxD = 0 V
1.3
3
ms
tdom(bus)
Bus dominant time out
Standby mode
1.3
3
ms
8. Only version NCV7342−3 has VIO supply pin. In NCV7342−0 this supply is provided from VCC pin.
9. Not tested in production. Guaranteed by design and prototype evaluation.
10.In case VIO > VCC, the limit is VIO + 0.3 V


Similar Part No. - NCV7342D13R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7342D13R2G ONSEMI-NCV7342D13R2G Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
More results

Similar Description - NCV7342D13R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7340 ONSEMI-NCV7340_11 Datasheet
142Kb / 11P
   High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com