Electronic Components Datasheet Search |
|
DE1B3KX101KA4BL01 Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd. |
|
DE1B3KX101KA4BL01 Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd. |
19 / 72 page No. Item Specifications Test Method To be easily legible 10000M Ω min. No marked defect on appearance form and dimensions are within specified range. Appearance and Dimensions Marking Insulation Resistance (I.R.) 1 2 5 The insulation resistance should be measured with DC500±50V within 60±5 sec. of charging. The capacitor should be visually inspected. The capacitor should be visually inspected for evidence of defect. Dimensions should be measured with slide calipers. Within specified tolerance Capacitance 3 The capacitance should be measured at 20˚C with 1±0.1kHz and AC5V(r.m.s.) max. Dissipation Factor (D.F.) 4 The dissipation factor should be measured at 20˚C with 1±0.1kHz and AC5V(r.m.s.) max. No failure Dielectric Strength Between Lead Wires 6 The capacitor should not be damaged when AC1500V(r.m.s.) are applied between the lead wires for 60 sec. No failure Body Insulation First, the terminals of the capacitor should be connected together. Then, as shown in figure at right, the capacitor should be immersed into 10% salt solution up to a position of about 3 to 4mm apart from the terminals. Finally, AC1500V(r.m.s.) is applied for 60 sec. between the capacitor lead wires and electrode plate. Temperature Characteristics 7 The capacitance measurement should be made at each step specified in Table 1. No marked defect 1000M Ω min. Per Item 6 Discharge Test Appearance I.R. Dielectric Strength 8 As in Figure 1, discharge is made 50 times at 5 sec. intervals from the capacitor (Cd) charged at DC voltage of specified. Ct: Capacitor under test R2: 100M Ω S: High-voltage switch R3: Surge resistance R1: 1000 Ω Lead wire should be soldered with uniform coating on the axial direction over 3/4 of the circumferential direction. Solderability of Leads 9 The lead wire of a capacitor should be dipped into molten solder for 2±0.5 sec. The depth of immersion is up to about 1.5 to 2.0mm from the root of lead wires. Temp. of solder: Lead Free Solder (Sn-3Ag-0.5Cu) 245±5°C H63 Eutectic Solder 235±5°C Continued on the following page. Char. E F D.F. V2.5% D.F. V5.0% Specifications Char. E F Within +20 -55 % Within +30 -80 % Capacitance Change Step 1 2 3 4 5 20±2 -25±2 20±2 85±2 20±2 Temperature (ºC) About 3 to 4mm Electrode Plate 10% Salt Solution Vs R3 R1 R2 S Cd Ct <Table 1> Cd Vs 0.001µF DC10kV Fig.1 ! Apply to DEJ Series (Products which are based on the electrical appliance and material safety law of Japan) Operating Temperature Range: -25 to +85°C DEJ Series Specifications and Test Methods 17 5 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C85E.pdf 08.10.29 |
Similar Part No. - DE1B3KX101KA4BL01 |
|
Similar Description - DE1B3KX101KA4BL01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |